Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-01A1701Q9A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # 5962-01A1701Q9A
Description  Tripple Point to Point IEEE 1355 High Speed Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-01A1701Q9A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button 5962-01A1701Q9A Datasheet HTML 4Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 5Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 6Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 7Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 8Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 9Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 10Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 11Page - ATMEL Corporation 5962-01A1701Q9A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TSS901E
Rev. C – 24-Aug-01
Register Address Map
The addresses of the TSS901E registers are directly mapped with pins HADR7 - 0. The
tables below shows the addresses of all the TSS901E registers depending on the HOCI
port width.
TSS901E status and control registers
TSS901E channel 1 status and control registers
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
00
00
00
SICR
TSS901E Interface Control Register
00
r / w
01
01
01
TRS_CTRL
Transmit-Speed-Base Register
0A
r / w
02
02
02
ROUTE_CTRL
Routing Enable / Status Register
00
r
03
03
03
reserved
00
04
04
06
04
05
06
07
ISR
Interrupt Status Register
04010040
ro
08
08
0A
08
09
0A
0B
IMR
Interrupt Mask Register
00000000
r / w
0C
0C
0C
COMI_CS0R
COMI Chip Select 0 upper address boundary
Register
FF
r / w
0D
0D
0D
reserved
00
0E
0E
0E
COMI_ACR
COMI Arbitration Control Register
08
r / w
0F
0F
0F
PRCIR
PRCI Register
00
r / w
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
10
10
10
CH1_DSM_MODR
channel 1 DSM mode Register
03
r / w
11
11
11
CH1_DSM_CMDR
channel 1 DSM command Register
00
r / w
12
12
12
CH1_DSM_STAR
channel 1 DSM status Register
00
r / w
13
13
13
CH1_DSM_TSTR
channel 1 DSM test Register
00
r / w
14
14
14
CH1_ADDR
channel 1 address Register
00
r / w
15
15
15
CH1_RT_ADDR
channel 1 Route Address Register
00
r / w
16
16
16
CH1_PR_STAR
channel 1 Protocol Status Register
04
r / w
17
17
17
reserved
00
---


Similar Part No. - 5962-01A1701Q9A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-01A1701QXC ATMEL-5962-01A1701QXC Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
More results

Similar Description - 5962-01A1701Q9A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E Datasheet
339Kb / 42P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_07 Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
   Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com