Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7888AVRHRB Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TH7888AVRHRB
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888AVRHRB Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TH7888AVRHRB Datasheet HTML 5Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 6Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 7Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 8Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 9Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 10Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 11Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 12Page - ATMEL Corporation TH7888AVRHRB Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
TH7888A
1999A–IMAGE–09/03
Figure 9. Output Diagram for Readout Register and Reset Clock 20 MHz Applications
Crossover of Complementary Clocks (
ΦL1, ΦL2). Between 30% and 70% of Maximum Amplitude.
Note:
t1 = 7 ns typical
t2 = 5 ns typical
td = 8 ns typical delay time
ΦL1
ΦR
ΦL2
VOS
(1,2)
50 ns
16 ns Min
12 ns Min
t1
t2
td
Signal
Level
Reset Feedthrough
td
t2
t1
16 ns Min


Similar Part No. - TH7888AVRHRB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7888AVRHRB ETC-TH7888AVRHRB Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
More results

Similar Description - TH7888AVRHRB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com