Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA9841J Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TFA9841J
Description  1-channel audio amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9841J Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TFA9841J Datasheet HTML 4Page - NXP Semiconductors TFA9841J Datasheet HTML 5Page - NXP Semiconductors TFA9841J Datasheet HTML 6Page - NXP Semiconductors TFA9841J Datasheet HTML 7Page - NXP Semiconductors TFA9841J Datasheet HTML 8Page - NXP Semiconductors TFA9841J Datasheet HTML 9Page - NXP Semiconductors TFA9841J Datasheet HTML 10Page - NXP Semiconductors TFA9841J Datasheet HTML 11Page - NXP Semiconductors TFA9841J Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Philips Semiconductors
TFA9841J
1-channel audio amplifier (1 x SE)
Preliminary data
Rev. 01 — 06 February 2004
8 of 17
9397 750 12014
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
THD = 10 %; RL =4 Ω; f = 1 kHz.
THD = 10 %.
Fig 5.
Output power as function of supply voltage.
Fig 6.
Output power as function of supply voltage for
various SE loads.
Po
(W)
814
10
16
18
VCC (V)
12
0
15
9
12
3
6
MDB809
Po
(W)
820
12
24
28
VCC (V)
16
0
40
30
10
20
mdb806
2
3
4
8
RL = 1 Ω
VCC = 18 V; f = 1 kHz; RL =4 Ω.VCC = 17 V; Po = 1 W; RL =4 Ω.
Fig 7.
Total harmonic distortion-plus-noise as
function of output power.
Fig 8.
Total harmonic distortion-plus-noise as
function of frequency.
102
10
1
10−1
10−2
MCE488
10−1
102
110
Po (W)
THD
+N
(%)
10
1
10−1
10−2
MCE489
10
THD
+N
(%)
f (Hz)
102
103
104
105


Similar Part No. - TFA9841J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9842AJ NXP-TFA9842AJ Datasheet
128Kb / 18P
   7.5 W stereo power amplifier with volume control
Rev. 01-28 April 2006
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9843AJ NXP-TFA9843AJ Datasheet
130Kb / 19P
   20 W stereo power amplifier with volume control
Rev. 01-28 April 2006
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
More results

Similar Description - TFA9841J

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Princeton Technology Co...
PT2301 PTC-PT2301 Datasheet
202Kb / 5P
   1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890A EUTECH-EUA4890A Datasheet
317Kb / 13P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4889 NSC-LM4889 Datasheet
763Kb / 19P
   1 Watt Audio Power Amplifier
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com