Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T48C893 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 3Page - ATMEL Corporation T48C893 Datasheet HTML 4Page - ATMEL Corporation T48C893 Datasheet HTML 5Page - ATMEL Corporation T48C893 Datasheet HTML 6Page - ATMEL Corporation T48C893 Datasheet HTML 7Page - ATMEL Corporation T48C893 Datasheet HTML 8Page - ATMEL Corporation T48C893 Datasheet HTML 9Page - ATMEL Corporation T48C893 Datasheet HTML 10Page - ATMEL Corporation T48C893 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
7 (82)
3
MARC4 Architecture
3.1
General Description
The MARC4 microcontroller consists of an advanced
stack-based, 4-bit CPU core and on-chip peripherals. The
CPU is based on the HARVARD architecture with
physically separate program memory (ROM) and data
memory
(RAM).
Three
independent
buses,
the
instruction bus, the memory bus and the I/O bus, are used
for parallel communication between ROM, RAM and
peripherals. This enhances program execution speed by
allowing both instruction prefetching, and a simultaneous
communication to the on-chip peripheral circuitry. The
extremely powerful integrated interrupt controller with
associated eight prioritized interrupt levels supports fast
and efficient processing of hardware events. The MARC4
is designed for the high-level programming language
qFORTH. The core includes both, an expression and a
return
stack.
This
architecture
enables
high-level
language programming without any loss of efficiency or
code density.
Instruction
decoder
CCR
TOS
ALU
RAM
PC
RP
SP
X
Y
Program
256 x 4-bit
MARC4 CORE
Clock
Reset
Sleep
Memory bus
I/O bus
Instruction
bus
Reset
System
clock
Interrupt
controller
On–chip peripheral modules
94 8973
memory
Figure 3. MARC4 core


Similar Part No. - T48C893

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R8 ATMEL-T48C862-R8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3 ATMEL-T48C862M-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3-TNQ ATMEL-T48C862M-R3-TNQ Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - T48C893

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS115 LUMILEDS-CS115 Datasheet
2Mb / 4P
   The Times Square Ball
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Maxim Integrated Produc...
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
   Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
logo
Samsung semiconductor
KS57P0504 SAMSUNG-KS57P0504 Datasheet
1Mb / 282P
   The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
logo
PHOENIX CONTACT
2900133 PHOENIX-2900133 Datasheet
81Kb / 3P
   The figure shows the 14-pos. version
2900544 PHOENIX-2900544 Datasheet
158Kb / 6P
   The figure shows the 9 A version
2900553 PHOENIX-2900553 Datasheet
168Kb / 6P
   The figure shows the 9 A version
2900574 PHOENIX-2900574 Datasheet
164Kb / 6P
   The figure shows the 9 A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com