Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W12NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # W12NK90Z
Description  N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W12NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  W12NK90Z Datasheet HTML 1Page - STMicroelectronics W12NK90Z Datasheet HTML 2Page - STMicroelectronics W12NK90Z Datasheet HTML 3Page - STMicroelectronics W12NK90Z Datasheet HTML 4Page - STMicroelectronics W12NK90Z Datasheet HTML 5Page - STMicroelectronics W12NK90Z Datasheet HTML 6Page - STMicroelectronics W12NK90Z Datasheet HTML 7Page - STMicroelectronics W12NK90Z Datasheet HTML 8Page - STMicroelectronics W12NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STW12NK90Z
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
900
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
11
A
ID
Drain current (continuous) at TC = 100°C
7
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
44
A
Ptot
Total dissipation at TC = 25°C
230
W
Derating Factor
1.85
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
6000
V
EAS
(2)
2.
ISD ≤11A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Single pulse avalanche energy
4.5
mJ
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
0.54
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
°C/W
TJ
Maximum lead temperature for soldering purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
11
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
500
mJ
Table 4.
Gate-source zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1mA (open drain)
30
V


Similar Part No. - W12NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W12NK95Z STMICROELECTRONICS-W12NK95Z Datasheet
312Kb / 14P
   N-channel 950V - 0.69廓 - 10A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
More results

Similar Description - W12NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW13NK100Z STMICROELECTRONICS-STW13NK100Z Datasheet
208Kb / 9P
   N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET
March 2004
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
342Kb / 15P
   N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
   N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com