Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5263BRU50-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5263BRU50-REEL7
Description  Preliminary Technical Data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263BRU50-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5263BRU50-REEL7 Datasheet HTML 1Page - Analog Devices AD5263BRU50-REEL7 Datasheet HTML 2Page - Analog Devices AD5263BRU50-REEL7 Datasheet HTML 3Page - Analog Devices AD5263BRU50-REEL7 Datasheet HTML 4Page - Analog Devices AD5263BRU50-REEL7 Datasheet HTML 5Page - Analog Devices AD5263BRU50-REEL7 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRELIMINARY TECHNICAL DATA
Quad +15V Digital Potentiometers
AD5263
08 AUG ’02, REV PrD
- 5 -
SPI Compatible Digital Interface (DIS=’0’)
TABLE IA: SPI 10-Bit Serial-Data Word
Format
ADDR
DATA
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
29
27
20
A1
A0
D7
D6
D5
D4
D3
D1
D0
S DI
CLK
CS
VOUT
0
1
0
1
0
1
0
1
D2
RDAC REGISTER LOAD
Figure 1A. SPI Timing Diagram
1
0
1
0
1
0
VDD
0V
SDI
(Data In)
CLK
CS
VOUT
±1 LSB ERROR BAND
±1 LSB
tS
tCSH1
tCSS
tCL
tCH
tDS
tDH
Ax or Dx
tCSH0
tCSW
tCS1
Ax or Dx
tPD_MAX
1
0
SDO
(Data Out)
A'x or D'x
A'x or D'x
Figure 1B. Detail SPI Timing Diagram
I
2C Compatible Digital Interface (DIS=’1’)
TABLE IIA: I
2C Write Mode Data Word Format
S
0
1
0
1
1
A
D
1
A
D
0
W
W
W
W
A
X
A
1
A
0
R
S
S
D
O
1
O
2
X
A
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
P
Slave Address Byte
Instruction Byte
Data Byte
TABLE IIB: I
2C Read Mode Data Word Format:
S
0
1
0
1
1
0
A
D
0
R
A
D
7
D
8
D
5
D
4
D
3
D
2
D
1
D
0
A
P
Slave Address Byte
Data Byte
S = Start Condition
P = Stop Condition
A = Acknowledge
AD1, AD0 = Package pin programmable address bits, Must match
with the logic states at pins AD1, AD0
A1, A0 = RDAC sub address select
RS = Software Reset wiper (A1, A0) to mid scale position
SD = Shutdown active high, ties wiper (A1, A0) to terminal A,
opens terminal B, RDAC register contents are not disturbed. To exit
shutdown a command SD = ‘0’ must be executed for each RDAC
(A1, A0).
W
W
W
W = Write = ‘0’
R = Read = ‘1’
D7,D6,D5,D4,D3,D2,D1,D0 = Data Bits
X = Don’t Care
t
4
SDA
SCL
PS
Sr
P
t
1
t
2
t
3
t
5
t
6
t
7
t
8
t
8
t
9
t
10
Figure 2. I
2C Compatible Detail Timing Diagram


Similar Part No. - AD5263BRU50-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263BRU50-REEL7 AD-AD5263BRU50-REEL7 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
More results

Similar Description - AD5263BRU50-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com