Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5462 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N5462
Description  P-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5462 Datasheet(HTML) 1 Page - Vishay Siliconix

  2N5462 Datasheet HTML 1Page - Vishay Siliconix 2N5462 Datasheet HTML 2Page - Vishay Siliconix 2N5462 Datasheet HTML 3Page - Vishay Siliconix 2N5462 Datasheet HTML 4Page - Vishay Siliconix 2N5462 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N/SST5460 Series
Vishay Siliconix
Document Number: 70262
S-04030—Rev. D, 04-Jun-01
www.vishay.com
9-1
P-Channel JFETs
2N5460
SST5460
2N5461
SST5461
2N5462
SST5462
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
2N/SST5460
0.75 to 6
40
1
–1
2N/SST5461
1 to 7.5
40
1.5
–2
2N/SST5462
1.8 to 9
40
2
–4
FEATURES
BENEFITS
APPLICATIONS
D High Input Impedance
D Very Low Noise
D High Gain: AV = 80 @ 20 mA
D Low Capacitance: 1.2 pF Typical
D Low Signal Loss/System Error
D High System Sensitivity
D High-Quality Low-Level Signal
Amplification
D Low-Current, Low-Voltage Amplifiers
D High-Side Switching
D Ultrahigh Input Impedance
Pre-Amplifiers
DESCRIPTION
The 2N/SST5460 series are p-channel JFETs designed to
provide all-around performance in a wide range of amplifier
and analog switch applications.
The 2N series, TO-226AA (TO-92), and SST series, TO-236
(SOT-23), plastic packages provide low cost options, and are
available in tape-and-reel for automated assembly, (see
Packaging Information).
TO-226AA
(TO-92)
Top View
S
G
D
1
2
3
D
S
G
TO-236
(SOT-23)
2
3
1
SST5460 (B0)*
SST5461 (B1)*
SST5462 (B2)*
*Marking Code for TO-236
Top View
2N5460
2N5461
2N5462
ABSOLUTE MAXIMUM RATINGS
Gate-Drain Voltage
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-Source Voltage
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
–10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C


Similar Part No. - 2N5462

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5462 MOTOROLA-2N5462 Datasheet
116Kb / 4P
   CASE 2904, STYLE 7 TO92 (TO226AA)
logo
Fairchild Semiconductor
2N5462 FAIRCHILD-2N5462 Datasheet
115Kb / 5P
   P-Channel General Purpose Amplifier
logo
ON Semiconductor
2N5462 ONSEMI-2N5462 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
Central Semiconductor C...
2N5462 CENTRAL-2N5462 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
ON Semiconductor
2N5462 ONSEMI-2N5462 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
More results

Similar Description - 2N5462

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
   p-channel JFETs
logo
Vishay Siliconix
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
   P-CHANNEL JFETS
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com