Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN182245TFCQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245TFCQB
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245TFCQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCAN182245TFCQB Datasheet HTML 1Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 2Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 3Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 4Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 5Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245TFCQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Description of BOUNDARY-SCAN Circuitry
The scan cells used in the BOUNDARY-SCAN register are
one of the following two types depending upon their loca-
tion Scan cell TYPE1 is intended to solely observe system
data while TYPE2 has the additional ability to control sys-
tem data (See IEEE Standard 11491
Figure 10-11 for a
further description of scan cell TYPE1 and
Figure 10-12 for
a further description of scan cell TYPE2)
Scan cell TYPE1 is located on each system input pin while
scan cell TYPE2 is located at each system output pin as
well as at each of the two internal active-high output enable
signals AOE controls the activity of the A-outputs while
BOE controls the activity of the B-outputs Each will activate
their respective outputs by loading a logic high
The BYPASS register is a single bit shift register stage iden-
tical to scan cell TYPE1 It captures a fixed logic low
Bypass Register Scan Chain Definition
Logic 0
TLF11657 – 17
SCAN182245A Product IDCODE
(32-Bit Code per IEEE 11491)
Version Entity
Part
Manufacturer Required by
Number
ID
11491
0000
111111 0000000000 00000001111
1
MSB
LSB
The INSTRUCTION register is an 8-bit register which cap-
tures the default value of 10000001 (SAMPLEPRELOAD)
during the CAPTURE-IR instruction command The benefit
of capturing SAMPLEPRELOAD as the default instruction
during CAPTURE-IR is that the user is no longer required to
shift in the 8-bit instruction for SAMPLEPRELOAD The se-
quence of CAPTURE-IR
x EXIT1-IR x UPDATE-IR
will update the SAMPLEPRELOAD instruction For more
information refer to the section on instruction definitions
Instruction Register Scan Chain Definition
TLF11657 – 10
MSB
x LSB
Instruction Code
Instruction
00000000
EXTEST
10000001
SAMPLEPRELOAD
10000010
CLAMP
00000011
HIGH-Z
01000001
SAMPLE-IN
01000010
SAMPLE-OUT
00100010
EXTEST-OUT
10101010
IDCODE
11111111
BYPASS
All Others
BYPASS
http
www nationalcom
4


Similar Part No. - SCAN182245TFCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182245AMTD FAIRCHILD-SCAN182245AMTD Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182245ASSC FAIRCHILD-SCAN182245ASSC Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
More results

Similar Description - SCAN182245TFCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com