Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL6649-MPES Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SL6649-MPES
Description  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6649-MPES Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL6649-MPES Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 12Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 13Page - Zarlink Semiconductor Inc SL6649-MPES Datasheet HTML 14Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SL6649-1
9
METHOD FOR THE MEASUREMENT OF SENSITIVITY ON THE SL6649-1 RECEIVER
The method used by GEC Plessey Semiconductors in the measurement of terminal sensitivity is essentially the same as that
described in the CEPT Res 2 Specification.
This method requires the following equipment:
1. A signal generator e.g. HP8640
2. A pocsag encoder
3. A pocsag decoder e.g. MV6639
4. An SL6649-1 Demo Board.
5. An interference free low impedance P.S.U. (V
CC
1 and V
CC
2 must be separate supplies and there must be at least 0.7V
difference between them). Recommended supply configurations are shown in Fig. 13.
The test equipment and D.U.T. are set up as shown in Figure 11.
The R.F. frequency is set to the nominal L.O. frequency of the receiver and the peak deviation is set to 4.5kHz.
Care must be taken to avoid long power supply leads and any ground loops. Any interference from the decoder will be reduced
by the insertion of a high value resistor R1 (100K
Ω) between the receiver data output and the decoder input.
Figure 11: Test System
The generator output level is reduced successively until the decoder responds just 4 out of 5 times to the encoder signal. This
output level is then recorded as the sensitivity threshold of the receiver.
We find that this threshold correlates to a bit error rate of 1 in 30. The data output waveforms for an input level which produces
a B.E.R. of 1 in 30 and for input levels 2dB above and below this level, are shown below (square wave input). It can be seen that
the edge jitter increases dramatically at signal levels below the sensitivity threshold of -127dBm. Typical waveforms that can be
seen on an oscilloscope around the sensitivity threshold level are shown in Figure 12.
NB. In performing the sensitivity measurement great care should be taken in preventing coupling between test leads.
Figure 12: Waveform at Data O/P


Similar Part No. - SL6649-MPES

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Similar Description - SL6649-MPES

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com