Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3842GADZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SG3842GADZ
Description  BiCMOS Green-Mode PWM Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG3842GADZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SG3842GADZ Datasheet HTML 2Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 3Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 5Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 6Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 7Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 8Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 9Page - List of Unclassifed Manufacturers SG3842GADZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Product Specification
BiCMOS Green-Mode PWM Controllers
SG3842G/ SG3843G
© System General Corp.
- 6 -
www.sg.com.tw
Version 1.4 ( IRO33.0007.B3)
Jun.28,2004
TYPICAL CHARACTERISTICS
SG3842G
Start-up Current (ICC,ST) vs Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Operating Supply Current (ICC,OP) vs Temperature
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Reference Voltage (VREF) vs Temperature
4.80
4.85
4.90
4.95
5.00
5.05
5.10
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Error Amp Input Voltage (VFB) vs Temperature
2.47
2.48
2.49
2.50
2.51
2.52
2.53
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Oscillator Frequency (Fosc) vs Temperature
49.0
50.0
51.0
52.0
53.0
54.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Maximum Duty Cycle (DMAX) vs Temperature
94.00
94.50
95.00
95.50
96.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Vcc=14.0V
Vcc=15.0V
Vcc=15.0V
Vcc=15.0V
Vcc=15.0V
Vcc=15.0V


Similar Part No. - SG3842GADZ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3842D MICROSEMI-SG3842D Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842D MICROSEMI-SG3842D Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842DM MICROSEMI-SG3842DM Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842DM MICROSEMI-SG3842DM Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842J MICROSEMI-SG3842J Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG3842GADZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com