Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB-24-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSB-24-S
Description  2 Pole relay suitable for signal circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSB-24-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSB-24-S Datasheet HTML 1Page - List of Unclassifed Manufacturers RSB-24-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
PH (732) 922-6333
FX (732) 922-6363 E-mail: globalcomponents@msn.com
n Features
• 2 Pole relay suitable for signal circuits
• High sensitivity, polarized ( 100mW pick-up )
• Gold clad silver nickel contacts
• Meets FCC Part 68
• 2 coil latching version available
n Specifications
RSB
UL E1555UL E128155
CSA LR700170
Contact Arrangement
DPDT (1 Form C)
Contact Material
AgNi ( Au clad )
Contact Rating
2A, 30VDC ; 1A, 125VAC
Max. Switching Voltage
250VAC, 220VDC
Max. Switch/Carry Current 2A
Max. Switching Power
60W (DC) ; 125VA (AC)
Contact Resistance
Max. 100m W (initial)
Insulation Resistance
Min. 100M W at 500VDC
Dielectric Strength
1000VAC between open contacts
1500VAC between coil & contacts
Surge Strength
2000V
Operate Time( Set & Reset) Max. 5ms
Release Time
Max. 3.5ms
Operating Ambient Temp.
-40°C ~ +70°C
Ambient Humidity
85% RH
Vibration Resistance
1.5mm D.A. 10~ 55Hz
Shock Resistance
392m/s (40g ) malfunction
Mechanical
1 x 10 operations
Electrical
1 x 10 ops @ 1A, 30VDC; 3 x 10 ops @ 2A, 30VDC
Weight
Approx. 4g
Life
8
6
5
2
5
62.5
3.5
0.5
7.7
6
90
4.2
0.6
9.3
9
203
6.3
0.9
14.0
12
360
8.4
1.2
18.7
24
1440
16.8
2.4
37.4
48
576O
33.6
4.8
74.8
Nominal Voltage
Coil Resistance Operate Voltage
Release Voltage
Max. Allowable
(VDC)
(W ± 10%)
(VDC Max.)
(VDC Max.)
Voltage (VDC)
@
20 C
Model Number
RSB-5
RSB-6
RSB-9
RSB-12
RSB-24
RSB-48
n Coil Rating ( Mono-stable standard )
0


Similar Part No. - RSB-24-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB-24-S ETC-RSB-24-S Datasheet
86Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS
logo
SHINMEI ELECTRIC CO., L...
RSB-24-S SHINMEI-RSB-24-S Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
More results

Similar Description - RSB-24-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
G5V2H1DC5 OMRON-G5V2H1DC5 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC5 OMRON-G5V-2-DC5 Datasheet
379Kb / 6P
   Miniature Relay for Signal Circuits
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com