Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57254-20GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA57254-20GW
Description  CMOS switching regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57254-20GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA57254-20GW Datasheet HTML 3Page - NXP Semiconductors SA57254-20GW Datasheet HTML 4Page - NXP Semiconductors SA57254-20GW Datasheet HTML 5Page - NXP Semiconductors SA57254-20GW Datasheet HTML 6Page - NXP Semiconductors SA57254-20GW Datasheet HTML 7Page - NXP Semiconductors SA57254-20GW Datasheet HTML 8Page - NXP Semiconductors SA57254-20GW Datasheet HTML 9Page - NXP Semiconductors SA57254-20GW Datasheet HTML 10Page - NXP Semiconductors SA57254-20GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product data
SA57254-XX
CMOS switching regulator (PWM controlled)
2003 Nov 11
7
IOUT
LOAD CURRENT
(20 mA/div)
VOUT
OUTPUT VOLTAGE
(50 mV/div)
t (5 ms/div)
SL01478
IOUT: 50 mA → 100 µA; VIN = 1.8 V
Figure 14. Output load regulation, decreasing current.
VIN
INPUT VOLTAGE
(500 mV/div)
VOUT
OUTPUT VOLTAGE
(50 mV/div)
t (100
µs/div)
SL01479
VIN: 1.8 V → 2.4 V; IOUT = 50 mA
Figure 15. Input line regulation, increasing voltage.
VIN
INPUT VOLTAGE
(500 mV/div)
VOUT
OUTPUT VOLTAGE
(50 mV/div)
t (200
µs/div)
SL01480
VIN: 2.4 V → 1.8 V; IOUT = 50 mA
Figure 16. Input line regulation, decreasing voltage.
SL01481
IOUT, OUTPUT CURRENT (mA)
0
1
23
4
5
67
8
9
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VST1
VDO
Figure 17. Output current versus starting voltage.
SL01482
IOUT, OUTPUT CURRENT (mA)
0
1
23
4
5
67
8
9
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VST1
VDO
Figure 18. Input voltage versus output current.
SL01483
VIN, INPUT VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
VOUT = 2 V
VOUT = 3 V
VOUT = 5 V
Figure 19. Input voltage versus supply current.


Similar Part No. - SA57254-20GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
logo
ON Semiconductor
SA572D ONSEMI-SA572D Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
More results

Similar Description - SA57254-20GW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
   CMOS Switching Regulator (PWM controlled)
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com