Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2512B Datasheet(PDF) 2 Page - AUK corp

Part # SA2512B
Description  LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SA2512B Datasheet(HTML) 2 Page - AUK corp

  SA2512B Datasheet HTML 1Page - AUK corp SA2512B Datasheet HTML 2Page - AUK corp SA2512B Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLA-0017-001
2
SA2512 / SA2512(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
85
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25~85
°C
Storage Temperature
Tstg
-30~100
°C
*2Soldering Temperature
Tsol
260
°C for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance 2.0mm from PCB to the bottom of LED
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF= 20mA
-
2.0
2.7
V
Luminous Intensity
IV
IF= 20mA
-
5
-
mcd
Peak Wavelength
λ
P
IF= 20mA
-
630
-
nm
Spectrum Bandwidth
Δλ
IF= 20mA
-
35
-
nm
Reverse Current
I
R
VR=4V
-
-
10
uA


Similar Part No. - SA2512B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA2500 ETC2-SA2500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
   VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
SA2531 SAMES-SA2531 Datasheet
71Kb / 13P
   SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2531 SAMES-SA2531 Datasheet
36Kb / 4P
   SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
SA2531A SAMES-SA2531A Datasheet
392Kb / 24P
   VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
More results

Similar Description - SA2512B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com