Part Name
         Description
NTE7058

 Integrated Circuit Single Chip TV NTSC System ( 4 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Features (Cont’d):
Chroma Section
D ACC Circuit
D Color Control Circuit
D Unicolor Control Circuit
D Adjustment–Free APC Circuit
D Tint Control Circuit with Sync Pulse Output
D Color Differential Outputs
Deflection Section
D Excellent Sync Separator
D Adjustment–Free Countdown System
D Stable Vertical Synchronization
D Sawtooth–Type AFC
D Horizontal Predriver
D X–Ray Protector
D Vertical Drive Amplifier
Absolute Maximum Ratings: (TA = +25°C)
Power Supply Voltage, VCC
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Voltage, ein
5VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RF AGC Voltage, VRF AGC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Horizontal Section Supply Voltage, VCCH
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
2660mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = +25°C
21.2mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7060Integrated Circuit NTSC Single Chip Color TV Signal Processor 1 2 3 NTE Electronics
NTE7010Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface 1 2 3 NTE Electronics
NTE844Integrated Circuit Single Chip TV Chroma/Luminance Processor 1 2 3 NTE Electronics
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
AS2507SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT 1 2 3 4 5 Moreaustriamicrosystems AG
AN5095KSingle chip IC with I2C bus interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
NTE2050Integrated Circuit 31/2-Digit Single Chip A/D Converter 1 2 3 4 NTE Electronics
NTE1846Integrated Circuit NTSC System Single-Chip Color TV Signal Processor 1 2 NTE Electronics
NTE7054Integrated Circuit Single Chip TV Processor 1 2 3 4 5 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl