Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE7058 Datasheet(PDF) 4 Page - NTE Electronics

Part No. NTE7058
Description  Integrated Circuit Single Chip TV NTSC System
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 4 page
background image
Pin Connection Diagram
H VCC
32 fH OSC
9V VCC Q–SIF
4.5MHZ Output
9V VCC PIF
9V VCC V/C/D
Sync Sep Time Constant
H AFC Time Constant
fSC VCO
fSC VCO
VerticalRamp
Video Detector Tank
Video Detector Tank
RF AGC Output
Video Output
ACC Filter
Chroma Input
GND
Picture Sharpness
Differential Input
Video Input
Vertical Output
Vertical Size
Vertical NFB
Sync Sep Input
Flyback Pulse Input
Horizontal Driver Output
PIF Input
RF AGC Delay
Bypass
Color Control
R–Y Output
Tint Control
X–Ray Protect
PIF Input
Contrast Control
Killer Filter
APC Filter
1
2
3
4
5
6
7
64
63
62
61
60
59
58
8
57
9
56
B–Y Output
G–Y Output
10
55
11
54
GND
12
53
–Y Output
Pedestal Clamp
Brightness
13
14
15
52
51
50
16
49
17
48
18
47
19
46
20
45
21
44
Detector Output
FM Detector Tank
SIF Bias
SIF Input
I/C Detector
I/C Detector
GND
AFT Output
AFT Tank/Defeat
GND
Volume Control
QIF Input
PIF AGC Time Constant
PIF AGC Time Constant
NFB
QIF Input
QIF AGC Time Constant
Preamp Output
22
23
24
25
26
27
28
43
42
41
40
39
38
37
29
36
30
35
FM Detector Tank
Audio Input
31
34
32
33
(Filter)
2.270 (57.65) Max
132
64
33
.708 (18.0)
Min
.750 (19.0)
.236
(6.0)
Max
.106 (2.7) Min
.070 (1.78)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7060Integrated Circuit NTSC Single Chip Color TV Signal Processor 1 2 3 NTE Electronics
NTE7010Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface 1 2 3 NTE Electronics
NTE844Integrated Circuit Single Chip TV Chroma/Luminance Processor 1 2 3 NTE Electronics
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
AS2507SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT 1 2 3 4 5 Moreams AG
AN5095KSingle chip IC with I2C bus interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
NTE2050Integrated Circuit 31/2-Digit Single Chip A/D Converter 1 2 3 4 NTE Electronics
NTE1846Integrated Circuit NTSC System Single-Chip Color TV Signal Processor 1 2 NTE Electronics
NTE7054Integrated Circuit Single Chip TV Processor 1 2 3 4 5 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl