Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMF370XN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMF370XN
Description  N-channel mTrenchMOS extremely low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF370XN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMF370XN Datasheet HTML 2Page - NXP Semiconductors PMF370XN Datasheet HTML 3Page - NXP Semiconductors PMF370XN Datasheet HTML 4Page - NXP Semiconductors PMF370XN Datasheet HTML 5Page - NXP Semiconductors PMF370XN Datasheet HTML 6Page - NXP Semiconductors PMF370XN Datasheet HTML 7Page - NXP Semiconductors PMF370XN Datasheet HTML 8Page - NXP Semiconductors PMF370XN Datasheet HTML 9Page - NXP Semiconductors PMF370XN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
PMF370XN
N-channel
µTrenchMOS™ extremely low level FET
Product data
Rev. 01 — 11 February 2004
6 of 12
9397 750 12766
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID xRDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ao00
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
VDS (V)
ID
(A)
4.5 V
3 V
2.5 V
2 V
VGS = 1.8 V
3.5 V
03ao02
0
0.5
1
1.5
2
2.5
01
23
45
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 150 °C
25
°C
03ao01
0
0.2
0.4
0.6
0.8
1
00.5
11.5
22.5
ID (A)
RDSon
(
Ω)
4.5 V
3 V
3.5 V
VGS = 2.5 V
03al00
0
0.6
1.2
1.8
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - PMF370XN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF370XN NXP-PMF370XN Datasheet
177Kb / 12P
   N-channel TrenchMOS extremely low level FET
Rev. 03-20 June 2008
logo
Nexperia B.V. All right...
PMF370XN NEXPERIA-PMF370XN Datasheet
267Kb / 14P
   N-channel TrenchMOS extremely low level FET
5 July 2019
More results

Similar Description - PMF370XN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF290XN PHILIPS-PMF290XN Datasheet
91Kb / 12P
   N-channel mTrenchMOS extremely low level FET
Rev. 01-27 February 2004
logo
Nexperia B.V. All right...
PMR370XN NEXPERIA-PMR370XN Datasheet
209Kb / 13P
   N-channel mTrenchMOS??extremely low level FET
logo
NXP Semiconductors
PMG370XN PHILIPS-PMG370XN Datasheet
87Kb / 12P
   N-channel mTrenchMOS extremely low level FET
Rev. 01-13 February 2004
logo
Nexperia B.V. All right...
PMR290XN NEXPERIA-PMR290XN Datasheet
209Kb / 13P
   N-channel mTrenchMOS??extremely low level FET
logo
NXP Semiconductors
PMGD290XN PHILIPS-PMGD290XN Datasheet
96Kb / 12P
   Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-26 February 2004
PMGD370XN NXP-PMGD370XN Datasheet
94Kb / 12P
   Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-27 February 2004
logo
Nexperia B.V. All right...
PMF290XN NEXPERIA-PMF290XN Datasheet
209Kb / 13P
   N-channel mTrenchMOS™ extremely low level FET
Rev. 01 - 27 February 2004
logo
ZP Semiconductor
PMV56XN ZPSEMI-PMV56XN Datasheet
190Kb / 3P
   mTrenchMOS??extremely low level FET
logo
Nexperia B.V. All right...
PMG370XN NEXPERIA-PMG370XN Datasheet
205Kb / 13P
   N-channel mTrenchMOS™ extremely low level FET
Rev. 01 - 13 February 2004
PMGD370XN NEXPERIA-PMGD370XN Datasheet
206Kb / 13P
   Dual N-channel mTrenchMOS™ extremely low level FET
Rev. 01 - 27 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com