Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3020EJ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG3020EJ
Description  30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020EJ Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG3020EJ Datasheet HTML 1Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3020EJ Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an
integrated guard ring for stress protection encapsulated in small SMD plastic packages.
1.2 Features
s Forward current: 2 A
s Reverse voltage: 30 V
s Ultra low forward voltage
s Small and flat lead SMD package
1.3 Applications
s Low voltage rectification
s High efficiency DC-to-DC conversion
s Switched-mode power supply
s Inverse polarity protection
s Low power consumption applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PMEG3020EH; PMEG3020EJ
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 — 31 May 2005
Product data sheet
Table 1:
Product overview
Type number
Package
Configuration
Philips
JEITA
PMEG3020EH
SOD123F
-
single isolated diodes
PMEG3020EJ
SOD323F
SC-90
single isolated diodes
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 55 °C
--2
A
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 2000 mA
[1] -
510
620
mV


Similar Part No. - PMEG3020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG3020EJ NXP-PMEG3020EJ Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
logo
Nexperia B.V. All right...
PMEG3020EJ NEXPERIA-PMEG3020EJ Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
TECH PUBLIC Electronics...
PMEG3020EJ TECHPUBLIC-PMEG3020EJ Datasheet
873Kb / 3P
   Schottky barrier diode
logo
Nexperia B.V. All right...
PMEG3020EJ-Q NEXPERIA-PMEG3020EJ-Q Datasheet
186Kb / 9P
   30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
More results

Similar Description - PMEG3020EJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
logo
NXP Semiconductors
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com