Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87383-VS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383-VS
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383-VS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87383-VS Datasheet HTML 1Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 2Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 3Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 4Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 5Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 6Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 7Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 8Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
www.national.com
General Description
The PC87383, a member of the National Semiconductor
LPC SuperI/O family, is targeted for a wide range of porta-
ble applications. The PC87383 is PC2001 and ACPI com-
pliant, and features Fast Infrared port (FIR, IrDA 1.1
compliant), Serial Port, Parallel Port and General-Purpose
Input/Output (GPIO) support for a total of 21 ports.
Outstanding Features
s LPC bus interface, based on Intel’s LPC Interface
Specification Revision 1.1, August 2002 (supports
CLKRUN and LPCPD signals)
s Fast Infrared port
s PC2001 and ACPI Revision 2.0 compliant
s Serial IRQ support (15 options)
s Protection features, including GPIO lock and pin con-
figuration lock
s 21 GPIO ports, including 14 with “assert IRQ” capabil-
ity
s XOR Tree and TRI-STATEdevice pins (or ICT) test-
ability modes.
s 5V tolerant and back-drive protected pins (except LPC
bus pins)
s 64-pin TQFP package
System Block Diagram
LPC Bus
South Bridge
TPM
Portable
Platform
Serial
I/O
Ports
Embedded
Controller
Parallel
Port
Interface
PC87383
Interface
Infrared
Interface
National Semiconductor and TRI-STATEare registered trademarks of National Semiconductor Corporation.
All other brand or product names are trademarks or registered trademarks of their respective holders.
©2003 National Semiconductor Corporation
December 2003
Revision 1.1
PC87383
Legacy-Reduced SuperI/O with Fast Infrared Port, Serial
Port, Parallel Port and GPIOs for Portable Applications


Similar Part No. - PC87383-VS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87382-VBH NSC-PC87382-VBH Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
More results

Similar Description - PC87383-VS

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com