Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V51RC2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89V51RC2
Description  8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V51RC2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89V51RC2 Datasheet HTML 3Page - NXP Semiconductors P89V51RC2 Datasheet HTML 4Page - NXP Semiconductors P89V51RC2 Datasheet HTML 5Page - NXP Semiconductors P89V51RC2 Datasheet HTML 6Page - NXP Semiconductors P89V51RC2 Datasheet HTML 7Page - NXP Semiconductors P89V51RC2 Datasheet HTML 8Page - NXP Semiconductors P89V51RC2 Datasheet HTML 9Page - NXP Semiconductors P89V51RC2 Datasheet HTML 10Page - NXP Semiconductors P89V51RC2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
Philips Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 03 — 02 December 2004
7 of 77
9397 750 14341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 3:
P89V51RB2/RC2/RD2 pin description
Symbol
Pin
Type
Description
DIP40
TQFP44
PLCC44
P0.0 to
P0.7
39-32
37-30
43-36
I/O
Port 0: Port 0 is an 8-bit open drain bi-directional I/O
port. Port 0 pins that have ‘1’s written to them float, and
in this state can be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and
data bus during accesses to external code and data
memory. In this application, it uses strong internal
pull-ups when transitioning to ‘1’s. Port 0 also receives
the code bytes during the external host mode
programming, and outputs the code bytes during the
external host mode verification. External pull-ups are
required during program verification or as a general
purpose I/O port.
P1.0 to
P1.7
1-8
40-44, 1-3
2-9
I/O with
internal pull-up
Port 1: Port 1 is an 8-bit bi-directional I/O port with
internal pull-ups. The Port 1 pins are pulled high by the
internal pull-ups when ‘1’s are written to them and can
be used as inputs in this state. As inputs, Port 1 pins that
are externally pulled LOW will source current (IIL)
because of the internal pull-ups. P1.5, P1.6, P1.7 have
high current drive of 16 mA. Port 1 also receives the
low-order address bytes during the external host mode
programming and verification.
P1.0
1
40
2
I/O
T2: External count input to Timer/Counter 2 or Clock-out
from Timer/Counter 2
P1.1
2
41
3
I
T2EX: Timer/Counter 2 capture/reload trigger and
direction control
P1.2
3
42
4
I
ECI: External clock input. This signal is the external
clock input for the PCA.
P1.3
4
43
5
I/O
CEX0: Capture/compare external I/O for PCA Module 0.
Each capture/compare module connects to a Port 1 pin
for external I/O. When not used by the PCA, this pin can
handle standard I/O.
P1.4
5
44
6
I/O
SS: Slave port select input for SPI
CEX1: Capture/compare external I/O for PCA Module 1
P1.5
6
1
7
I/O
MOSI: Master Output Slave Input for SPI
CEX2: Capture/compare external I/O for PCA Module 2
P1.6
7
2
8
I/O
MISO: Master Input Slave Output for SPI
CEX3: Capture/compare external I/O for PCA Module 3
P1.7
8
3
9
I/O
SCK: Master Output Slave Input for SPI
CEX4: Capture/compare external I/O for PCA Module 4


Similar Part No. - P89V51RC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RC2 NXP-P89V51RC2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RC2FA NXP-P89V51RC2FA Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RC2FA NXP-P89V51RC2FA Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89V51RC2FBC NXP-P89V51RC2FBC Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RC2FBC NXP-P89V51RC2FBC Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
More results

Similar Description - P89V51RC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com