Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM93C06LZMT8 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93C06LZMT8
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93C06LZMT8 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NM93C06LZMT8 Datasheet HTML 1Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 2Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 3Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 4Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 5Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 6Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 7Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 8Page - National Semiconductor (TI) NM93C06LZMT8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLD11778
September 1996
NM93C06LZC46LZC56LZC66LZ
256-1024-2048-4096-Bit Serial EEPROM with Zero
Power and Extended Voltage (27V to 55V)
(MICROWIRE
TM Bus Interface)
General Description
The NM93C06LZC46LZC56LZC66LZ devices are 256
102420484096 bits respectively of CMOS non-volatile
electrically erasable memory divided into 1664128256
16-bit registers They are fabricated using National Semi-
conductor’s floating-gate CMOS process for high reliability
and low power consumption These memory devices are
available in both SO and TSSOP packages for small space
considerations
The serial interface that operates these EEPROMs is MI-
CROWIRE compatible for simple interface to standard mi-
crocontrollers and microprocessors There are 7 instruc-
tions that control these devices Read EraseWrite Enable
Erase Erase All Write Write All and EraseWrite Disable
The readybusy status is available on the DO pin to indicate
the completion of a programming cycle
Features
Y
Less than 10 mA standby current
Y
27V – 55V operation in all modes
Y
Typical active current of 100 mA
Y
Direct write no erase before program
Y
Reliable CMOS floating gate technology
Y
MICROWIRE compatible serial IO
Y
Self-timed programming cycle
Y
Device status indication during programming mode
Y
40 years data retention
Y
Endurance 106 data changes
Y
Packages available 8-pin SO 8-pin DIP 8-pin TSSOP
Block Diagram
TLD11778 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Similar Part No. - NM93C06LZMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C06LZMT8 FAIRCHILD-NM93C06LZMT8 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - NM93C06LZMT8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
NMC93CS56 NSC-NMC93CS56 Datasheet
324Kb / 11P
   2048-BIT / 4096-BIT SERIAL ELECTRICALLY ERASABLE PROGRMMABLE MEMORIES
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com