Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS115 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS115
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS115 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS115 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS115 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 908 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.091(2.30)
.078(1.99)
SS115
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Voltage Range
150 Volts
Current
1.0 Ampere
Features
a
For surface mounted application
a
Metal to silicon rectifier, majority carrier conduction
a
Low forward voltage drop
a
Easy pick and place
a
High surge current capability
a
Plastic material used carriers Underwriters
Laboratory Classification 94V-O
a
Epitaxial construction
a
High temperature soldering:
260
oC/ 10 seconds at terminals
Mechanical Data
a
Case: Molded plastic
a
Terminals: Solder plated
a
Polarity: Indicated by cathode band
a
Packaging: 12mm tape per EIA STD RS-481
a
Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SS115
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current
at TL (See Fig. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1)
@ 25
OC
1.0A
@ 125
OC 1.0A
@ 25
OC
2.0A
@ 125
OC 2.0A
VF
0.82
0.67
0.89
0.75
V
0.05
Maximum DC Reverse Current
@ TA =25
+ at
Rated DC Blocking Voltage @ TA=125
+
IR
0.5
mA
mA
Typical Junction Capacitance (Note 3)
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
R JL
20
+/W
Operating Temperature Range
TJ
-65 to +150
+
Storage Temperature Range
TSTG
-65 to +150
+
Notes
: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.2 x 0.2”(5.0 x 5.0mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C


Similar Part No. - SS115

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
SS115 NIUHANG-SS115 Datasheet
15Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
52Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SS115 PACELEADER-SS115 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
Silicon Standard Corp.
SS115 SSC-SS115 Datasheet
195Kb / 3P
   Schottky Barrier Rectifiers
More results

Similar Description - SS115

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com