Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM93C66LZN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93C66LZN
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93C66LZN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NM93C66LZN Datasheet HTML 1Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 2Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 3Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 4Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 5Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 6Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 7Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 8Page - National Semiconductor (TI) NM93C66LZN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LOW VOLTAGE (27V s 45V) SPECIFICATIONS
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Ambient Storage Temperature
b
65 Cto a150 C
All Input or Output Voltage
with Respect to Ground
VCC a 1to b03V
Lead Temperature (Soldering 10 sec)
a
300 C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
NM93C06LZ46LZ56LZ66LZ
0 Cto a70 C
NM93C06LZE46LZE56LZE66LZE
b
40 Cto a85 C
NM93C06LZV46LZV56LZV66LZV b40 Cto a125 C
Power Supply (VCC) Range
27V to 45V
DC and AC Electrical Characteristics
Symbol
Parameter
Part Number
Conditions
Min
Max
Units
ICC1
Operating Current
NM93C06465666LZ
CS e VIH SK e 250 kHz
1
mA
CMOS Input Levels
NM93C06465666LZEV
1
ICC3
Standby Current
NM93C06465666LZ
CS e 0V
1
m
A
NM93C06465666LZEV
1
IIL
Input Leakage
NM93C06465666LZ
VIN e 0V to VCC
b
100
a
100
nA
NM93C06465666LZEV
IOL
Output Leakage
NM93C06465666LZ
VIN e 0V to VCC
b
100
a
100
nA
NM93C06465666LZEV
VIL2
Input Low Voltage
2V s VCC s 45V
b
01
015 VCC
V
VIH2
Input High Voltage
2V s VCC s 45V
08 VCC
VCC a 1V
VOL2
Output Low Voltage
IOL e 10 mA
02
V
VOH2
Output High Voltage
IOH eb10 mA
09 VCC
V
fSK
SK Clock Frequency
NM93C06465666LZ
0
250
kHz
NM93C06465666LZEV
0
250
tSKH
SK High Time
NM93C06465666LZ
(Note 2)
1
m
s
NM93C06465666LZEV
1
tSKL
SK Low Time
NM93C06465666LZ
(Note 2)
1
m
s
NM93C06465666LZEV
1
tSKS
SK Setup Time
NM93C06465666LZ
Relative to CS
50
m
s
NM93C06465666LZEV
50
tCS
Minimum CS Low Time
NM93C06465666LZ
(Note 3)
1
m
s
NM93C06465666LZEV
1
tCSS
CS Setup Time
NM93C06465666LZ
Relative to SK
02
m
s
NM93C06465666LZEV
02
tDH
DO Hold Time
Relative to SK
70
ns
tDIS
DI Setup Time
NM93C06465666LZ
Relative to SK
04
m
s
NM93C06465666LZEV
04
tCSH
CS Hold Time
Relative to SK
0
m
s
tDIH
DI Hold Time
Relative to SK
04
m
s
tPD1
Output Delay to ‘‘1’’
NM93C06465666LZ
AC Test
2
m
s
NM93C06465666LZEV
2
tPD0
Output Delay to ‘‘0’’
NM93C06465666LZ
AC Test
2
m
s
NM93C06465666LZEV
2
tSV
CS to Status Valid
NM93C06465666LZ
AC Test
1
m
s
NM93C06465666LZEV
1
tDF
CS to DO
NM93C06465666LZ
AC Test
04
m
s
in TRI-STATE
NM93C06465666LZEV
CS e VIL
04
tWP
Write Cycle Time
NM93C06465666LZ
VCC e 27V
15
ms
http
www nationalcom
3


Similar Part No. - NM93C66LZN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C66LEM8 NSC-NM93C66LEM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C66LEMT8 NSC-NM93C66LEMT8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C66LEN NSC-NM93C66LEN Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C66LM8 NSC-NM93C66LM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C66LMT8 NSC-NM93C66LMT8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results

Similar Description - NM93C66LZN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
NMC93CS56 NSC-NMC93CS56 Datasheet
324Kb / 11P
   2048-BIT / 4096-BIT SERIAL ELECTRICALLY ERASABLE PROGRMMABLE MEMORIES
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com