Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306DCURE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9306DCURE4
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9306DCURE4 Datasheet(HTML) 1 Page - Texas Instruments

  PCA9306DCURE4 Datasheet HTML 1Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 2Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 3Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 4Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 5Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 6Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 7Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 8Page - Texas Instruments PCA9306DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
VREF1
SCL1
SDA1
EN
VREF2
SCL2
SDA2
PCA9306
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
SCPS113 – OCTOBER 2004 – REVISED APRIL 2005
Lock-Up-Free Operation for Isolation When
EN = Low
2-Bit Bidirectional Translator for SDA and SCL
Lines in Mixed-Mode I2C Applications
Flow-Through Pinout for Ease of Printed
Circuit Board Trace Routing
I2C and SMBus Compatible
Latch-Up Performance Exceeds 100 mA Per
Less Than 1.5-ns Maximum Propagation Delay
JESD 78, Class II
to Accommodate Standard-Mode and
Fast-Mode I2C Devices and Multiple Masters
ESD Protection Exceeds JESD 22
Allows Voltage-Level Translator Between
– 2000-V Human-Body Model (A114-A)
– 1.2-V VREF1 and 2.5-V, 3.3-V, or 5-V VREF2
– 200-V Machine Model (A115-A)
– 1.8-V VREF1 and 3.3-V or 5-V VREF2
– 1000-V Charged-Device Model (C101)
– 2.5-V VREF1 and 5-V VREF2
– 3.3-V VREF1 and 5-V VREF2
Provides Bidirectional Voltage Translation
With No Direction Pin
Low 3.5-
Ω ON-State Connection Between
Input and Output Ports Provides Less Signal
Distortion
Open-Drain I2C I/O Ports (SCL1, SDA1, SCL2,
and SDA2)
5-V Tolerant I2C I/O Ports to Support
Mixed-Mode Signal Operation
High-Impedance SCL1, SDA1, SCL2, and
SDA2 Pins for EN = Low
PIN
SYMBOL
FUNCTION
1
GND
Ground, 0 V
2
VREF1
Low-voltage-side reference supply voltage for SCL1 and SDA1
3
SCL1
Serial clock, low-voltage side. Connect to VREF1 through a pullup resistor.
4
SDA1
Serial data, low-voltage side. Connect to VREF1 through a pullup resistor.
5
SDA2
Serial data, high-voltage side. Connect to VREF2 through a pullup resistor.
6
SCL2
Serial clock, high-voltage side. Connect to VREF2 through a pullup resistor.
7
VREF2
High-voltage-side reference supply voltage for SCL2 and SDA2
Switch enable input. Connected to VREF2 and pulled up through a high
8
EN
resistor.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9306DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306DCURE4 TI-PCA9306DCURE4 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DCURE4 TI1-PCA9306DCURE4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results

Similar Description - PCA9306DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com