Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8508D2T50R4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8508D2T50R4
Description  5.0 V, 250 mA LDO with Watchdog and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8508D2T50R4 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8508D2T50R4 Datasheet HTML 1Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 2Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 3Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 4Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 5Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 6Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 7Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 8Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 20
1
Publication Order Number:
NCV8508/D
NCV8508
5.0 V, 250 mA LDO with
Watchdog and RESET
The NCV8508 is a precision micropower Low Dropout (LDO)
voltage regulator. The part contains many of the required operational
requirements for powering microprocessors. Its robustness makes it
suitable for severe automotive environments. In addition to being a
good fit for the automotive environment, the NCV8508 is ideal for use
in battery operated, microprocessor controlled equipment because of
its extremely low quiescent current.
Features
Output Voltage: 5.0 V
±3.0% Output Voltage
I
OUT Up to 250 mA
Quiescent Current Independent of Load
Micropower Compatible Control Functions:
Wakeup
Watchdog
RESET
Low Quiescent Current (100 mA typ)
Protection Features:
Thermal Shutdown
Short Circuit
45 V Operation
Internally Fused Leads in SO−16L Package
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Package is Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SO−16L
DW SUFFIX
CASE 751G
1
16
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
1
NCV85085
AWLYYWW
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
http://onsemi.com
VIN
VOUT
1
16
NC
Sense
WDI
NC
GND
GND
GND
GND
Wakeup
NC
RESET
NC
Delay
NC
PIN CONNECTIONS
1
SO−16L
D2PAK−7
D2PAK−7
DPS SUFFIX
CASE 936AB
Tab = GND
Lead 1. VOUT
2. VIN
3. WDI
4. GND
5. Wakeup
6. RESET
7. Delay
NCV85085
AWLYYWW
1


Similar Part No. - NCV8508D2T50R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV85081BDS50G ONSEMI-NCV85081BDS50G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BDS50R4G ONSEMI-NCV85081BDS50R4G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BPD50R2G ONSEMI-NCV85081BPD50R2G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
More results

Similar Description - NCV8508D2T50R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com