Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8508D2T50R4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8508D2T50R4
Description  5.0 V, 250 mA LDO with Watchdog and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8508D2T50R4 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8508D2T50R4 Datasheet HTML 2Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 3Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 4Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 5Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 6Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 7Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 8Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 9Page - ON Semiconductor NCV8508D2T50R4 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCV8508
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Quiescent Current vs Output Current
0
90
IOUT, mA
50
100
150
200
250
120
110
100
−40
°C
+25
°C
+125
°C
0
0
Switching Current, mA
50
100
150
200
250
−700
−400
−300
−200
−100
100
mF
ESR = 1.3
W
Figure 7. Load Transient Response
−40
2.7
Temperature,
°C
−20
0
140
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
20
40
60
80
100
120
Figure 8. POR Delay vs Temp, RDELAY = 60 kW
Figure 9. POR Delay vs RDELAY
15
0
RDELAY, kW
60
240
14
12
10
8
6
4
2
105
150
195
−40
23.0
Temperature (
°C)
20
40
60
80
100
120
140
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
−20
0
Figure 10. Wakeup Period vs Temp, RDELAY = 60 kW
Figure 11. Wakeup Period vs RDELAY
15
0
RDELAY, kW
60
240
100
90
80
70
60
50
40
30
20
10
105
150
195
−500
−600
10
mF
ESR = 3.4
W
1.0
mF
ESR = 4.6
W


Similar Part No. - NCV8508D2T50R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV85081BDS50G ONSEMI-NCV85081BDS50G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BDS50R4G ONSEMI-NCV85081BDS50R4G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BPD50R2G ONSEMI-NCV85081BPD50R2G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
More results

Similar Description - NCV8508D2T50R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com