Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C8K64-12TDC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MU9C8K64-12TDC
Description  MU9C Routing Coprocessor (RCP) Family
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU9C8K64-12TDC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MU9C8K64-12TDC Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 9Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 10Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 11Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 12Page - List of Unclassifed Manufacturers MU9C8K64-12TDC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Register Descriptions
MU9C Binary Routing Coprocessor (RCP) Family
Rev. 6
9
PA:AA Bus After a Random Access Read or Write to the
CAM
After a random Read or Write cycle to the MU9C, the
PA:AA bus carries the address that was accessed during
that cycle. Only the device in which the access occurred
enables its PA:AA bus. All other devices keep their
PA:AA bus in high-impedance regardless of the state of
their /OE inputs. Note that the access to the PA:AA bus
differs in this respect from the operation of the Status
register, which is accessible in any selected device under
this particular circumstance.
In the event that the Write cycle was broadcast to multiple
devices, all devices that have their /OE lines held LOW will
enable their PA:AA bus. Under this circumstance, it is up to
the system designer to ensure that only one /OE line is
driven LOW to prevent bus contention on the PA:AA bus.
PA:AA Bus Conditions of Operation
During a control state that does not have any effect on
the device address, such as a Write Register cycle, the
PA:AA bus remains unchanged. In other words, the
state of the PA:AA bus persists until another cycle
causes it to change.
When enabled by /OE being LOW, the PA:AA bus is
only free to change while /E is HIGH. When /E goes
LOW the PA:AA bus is latched.
The PA:AA bus is enabled when /OE is LOW
provided that the previous cycle causes them to be
active. When /OE is HIGH, the PA:AA bus is in
high-impedance. Note that /OE is asynchronous with
respect to /E, and is independent of Chip Select from
either /CS1, /CS2, or through the Device Select
register, except in the case of non-broadcast random
Read and Write cycles to the MU9C.
PA:AA Bus and the Match Flags
The Match flags /MF and /MM reflect the results of the
most recent Comparison cycle. During a Comparison
cycle, they do not change until after /E has gone HIGH
after which they are free to change combinatorially; their
state is latched when /E is LOW. This condition allows
some pipelining to occur and is useful in systems with
long daisy chains. A Comparison cycle can be followed by
another cycle that does not affect the PA:AA bus before
the daisy chain is resolved. For example:
The WRL CR control state can be executed before the
daisy chain has resolved device prioritization after the
CMP CR control state. The /OE then is asserted at a
suitable time, depending on the length of the daisy chain.
The Match address of the highest-priority responding
device then is driven onto the PA:AA bus.
The /MF, /MM lines continue to indicate the results of the
most recent match, even when the PA:AA bus carries an
address other than the Match address. This condition
allows rapid return to the Match address value on the
PA:AA bus lines through a RDL[HPM] cycle, without the
daisy chain having to re-resolve device-level prioritization.
PA:AA Bus and the Status Register
The Status Register bits SR15–0 reflect the PA:AA bus
under all conditions. The Status Register flags /MF, /MM,
and /FF represent the local conditions within the device,
and are not conditioned by the /MI and /FI inputs.
After a Comparison cycle, Write at Next Free address, or
access to the Highest-Priority Matching device, a Status
Register Read cycle is executed in the same device as the
active PA:AA bus. In the case of a random access Read or
Write cycle, the Status register of any selected device can
be accessed by a Read Status Register cycle. The system
designer must ensure that a Status Register Read cycle
after a random Read or Write cycle is into a single device
using Chip Select /CS1, /CS2, or the Device Select
register to prevent bus contention on the DQ31–0 bus.
REGISTER DESCRIPTIONS
The Comparand register, seven mask registers, Address
register, Configuration register, Status register, Next Free
Address register, Device Select register, and Instruction
register comprise the register set. Note that all
RESERVED bits can be read and written without affecting
the operation of the device.
However, for forward compatibility with future product
enhancements, system designers should not rely on any
particular RESERVED bit having no effect on the
operation of the device in future revisions. Therefore all
RESERVED bits should be set to logical zero.
The Register Set
Comparand Register
The 64-bit Comparand register holds the value to be
compared with the valid contents of the Address Database
array, although the DQ lines can be compared directly, and
then optionally written into the Comparand register.
CMP CR
WR CR


Similar Part No. - MU9C8K64-12TDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8K64-35TDC MUSIC-MU9C8K64-35TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C8K64-40TDC MUSIC-MU9C8K64-40TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C8K64-40TDI MUSIC-MU9C8K64-40TDI Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C8K64-50TDC MUSIC-MU9C8K64-50TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C8K64-50TDI MUSIC-MU9C8K64-50TDI Datasheet
1Mb / 35P
   MU9C RCP Family
More results

Similar Description - MU9C8K64-12TDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MU9C4K64 MUSIC-MU9C4K64 Datasheet
1Mb / 35P
   MU9C RCP Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
ATMEL Corporation
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com