Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8508D2T50G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8508D2T50G
Description  5.0 V, 250 mA LDO with Watchdog and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8508D2T50G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8508D2T50G Datasheet HTML 4Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 5Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 6Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 7Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 8Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 9Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 10Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 11Page - ON Semiconductor NCV8508D2T50G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV8508
http://onsemi.com
10
APPLICATION NOTES
Calculating Power Dissipation in a Single Output
Linear Regulator
The maximum power dissipation for a single output
regulator (Figure 19) is:
PD(max) + [VIN(max) * VOUT(min)]IOUT(max)
(1)
) VIN(max)IQ
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the
application, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
SMART
REGULATOR
®
IQ
Control
Features
IOUT
IIN
Figure 19. Single Output Regulator with Key
Performance Parameters Labeled
VIN
VOUT
}
Once the value of PD(max) is known, the maximum
permissible value of RqJA can be calculated:
R
qJA +
150
°C * TA
PD
(2)
The value of RqJA can then be compared with those in the
package section of the data sheet. Those packages with
RqJA’s less than the calculated value in Equation 2 will keep
the die temperature below 150
°C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
Figure 20. 16 Lead SOW (4 Leads Fused),
qJA as
a Function of the Pad Copper Area (2 oz. Cu
Thickness), Board Material = 0.0625
, G−10/R−4
40
70
90
100
0
Copper Area (inch2)
0.5
1.0
1.5
2.0
3.0
80
60
50
2.5
Heatsinks
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed to
determine the value of RqJA:
R
qJA + RqJC ) RqCS ) RqSA
(3)
where:
RqJC = the junction−to−case thermal resistance,
RqCS = the case−to−heatsink thermal resistance, and
RqSA = the heatsink−to−ambient thermal resistance.
RqJC appears in the package section of the data sheet. Like
RqJA, it too is a function of package type. RqCS and RqSA are
functions of the package type, heatsink and the interface
between them. These values appear in heatsink data sheets
of heatsink manufacturers.
ORDERING INFORMATION
Device
Output Voltage
Package
Shipping†
NCV8508DW50
5.0 V
SO−16L
47 Units / Rail
NCV8508DW50G
5.0 V
SO−16L
(Pb−Free)
47 Units / Rail
NCV8508DW50R2
5.0 V
SO−16L
1000 / Tape & Reel
NCV8508D2T50
5.0 V
D2PAK−7
50 Units / Rail
NCV8508D2T50G
5.0 V
D2PAK−7
(Pb−Free)
50 Units / Rail
NCV8508D2T50R4
5.0 V
D2PAK−7
750 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV8508D2T50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV85081BDS50G ONSEMI-NCV85081BDS50G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BDS50R4G ONSEMI-NCV85081BDS50R4G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BPD50R2G ONSEMI-NCV85081BPD50R2G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
More results

Similar Description - NCV8508D2T50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com