Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7030HATJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7030HATJ
Description  Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7030HATJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7030HATJ Datasheet HTML 1Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 2Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 3Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 4Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 5Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 6Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 7Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 8Page - Maxim Integrated Products MAX7030HATJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Cost, 315MHz, 345MHz, and 433.92MHz
ASK Transceiver with Fractional-N PLL
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, 50
Ω system impedance, PAVDD = AVDD = DVDD = HVIN = +2.1V to +3.6V, fRF = 315MHz, 345MHz, or
433.92MHz, TA = -40°C to +125°C, unless otherwise noted. Typical values are at PAVDD = AVDD = DVDD = HVIN = +2.7V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Frequency Range
315/345/
433.92
MHz
Maximum Input Level
PRFIN
0
dBm
fRF = 315MHz (Note 6)
32
Transmit Efficiency 100% Duty
Cycle
fRF = 434MHz (Note 6)
30
%
fRF = 315MHz (Note 6)
24
Transmit Efficiency 50% Duty
Cycle
fRF = 434MHz (Note 6)
22
%
ENABLE or T/R transition low to high,
transmitter frequency settled to within
50kHz of the desired carrier
200
ENABLE or T/R transition low to high,
transmitter frequency settled to within 5kHz
of the desired carrier
350
Power-On Time
tON
ENABLE transition low to high, or T/R
transition high to low, receiver startup time
(Note 5)
250
µs
RECEIVER
315MHz
-114
Sensitivity
0.2% BER, 4kbps Manchester
data rate, 280kHz IF BW,
average RF power
434MHz
-113
dBm
Image Rejection
46
dB
POWER AMPLIFIER
TA = +25
°C (Note 4)
4.6
10.0
15.5
TA = +125
°C, PAVDD = AVDD = DVDD =
HVIN = +2.1V (Note 2)
3.9
6.7
Output Power
POUT
TA = -40
°C, PAVDD = AVDD = DVDD =
HVIN = +3.6V (Note 4)
13.1
15.8
dBm
Modulation Depth
82
dB
Maximum Carrier Harmonics
With output-matching network
-40
dBc
Reference Spur
-50
dBc
DC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit, 50
Ω system impedance, AVDD = DVDD = HVIN = PAVDD = +2.1V to +3.6V, fRF = 315MHz, 345MHz, or
433.92MHz, TA = -40°C to +125°C, unless otherwise noted. Typical values are at AVDD = DVDD = HVIN = PAVDD = +2.7V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pulldown Sink Current
AGC0-2, ENABLE, T/R, DATA (HVIN = 5.5V)
20
µA
Output-Low Voltage
VOL
ISINK = 500µA
0.15
V
Output-High Voltage
VOH
ISOURCE = 500µA
HVIN - 0.26
V


Similar Part No. - MAX7030HATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030HATJ++ MAXIM-MAX7030HATJ+ Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030HATJ++ MAXIM-MAX7030HATJ+ Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
More results

Similar Description - MAX7030HATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032 Datasheet
449Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com