Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C4K64-90TDI Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MU9C4K64-90TDI
Description  MU9C Routing Coprocessor (RCP) Family
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU9C4K64-90TDI Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MU9C4K64-90TDI Datasheet HTML 4Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 9Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 10Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 11Page - List of Unclassifed Manufacturers MU9C4K64-90TDI Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MU9C Binary Routing Coprocessor (RCP) Family
Operational Characteristics
8
Rev. 6
HIGH) participate in the operation. The AC8–6 lines
select the mask register and the AC5–0 lines provide the
Op-Code. If masking is not used, and all random
addressing of the memory is indirect through the Address
register, then only the DSC and AC5–0 lines are needed
for full control of the device.
In applications where a restricted number of control lines
are available, or where speed is not critical, the MU9C
RCP can be controlled in Software Control mode where
the control states are loaded into the Instruction register
through the DQ31–0 lines. The control states are identical
in both Hardware and Software Control modes, although
DQ12 and DQ13 take on special significance in Software
mode.
Software Control
For optimum performance, the AC bus and DSC line
control the MU9C RCP, allowing data transactions
through the DQ31–0 lines during a control cycle. In cases
where the overhead of a separate data load cycle can be
accommodated, the MU9C RCP can be operated through
the Instruction register. The AC bus and DSC line are not
used.
Control through the Instruction register is selected by the
FR27–26 bits of the Configuration register being set
HIGH. The instruction is loaded from the DQ11–0 lines
(with DSC on DQ12) into the Instruction register during a
Write cycle with the /AV line HIGH. The instructions are
directly analogous to the control states for any operation
that does not involve data transfer on the DQ31–0 lines, in
which case the instruction is executed during the same
cycle as the instruction is loaded. To distinguish between
Read and Write control states, DQ13 is used to indicate
which type of instruction should be executed. When DQ13
is LOW at the beginning of the cycle, the instruction
executed is the Write Cycle instruction (/W = LOW when
control state is conveyed on AC bus and DSC); when
DQ13 is HIGH at the beginning of the cycle, the
instruction executed is the Read Cycle instruction (/W =
HIGH when control state is conveyed on the AC bus).
When the instruction calls for data to be written or read
from the DQ31–0 lines, the instruction is loaded into the
Instruction register during the cycle, and the next Data Read
or Write cycle with /AV LOW executes the instruction
using the DQ31–0 bus for the data transaction. The
instruction is persistent; for example, if no other instruction
is loaded into the Instruction Register, subsequent data
transactions with the /AV line LOW will be executed
according to the instruction currently loaded in the
Instruction register. When there is a data access to a
memory location on DQ31–0 associated with the
instruction, the /VB line carries the validity of that location.
Instructions that involve data transactions on DQ31–0, and
are therefore executed on a subsequent Read or Write
cycle with the /AV line LOW, are all Read/Write Memory
and Read/Write Register instructions, Read Validity, Write
PA3-0. All other instructions are executed in a single cycle
with the state of DQ13 being interpreted as the state of the
/W line during the equivalent hardware control state.
For Read Cycles with the /AV line HIGH, there is a
Software Control mode. This mode is selected through the
Configuration bits FR27–26. In Software Control mode
(FR27–26 = 0b11) a Read cycle with /AV HIGH accesses
the Status register.
Active Address Interface PA:AA Bus
The Active Address interface PA:AA bus carries the
currently active address. The address source depends on
the most recent control state that caused it to change. The
possible address sources that are output on PA:AA bus are:
Highest-Priority Match address, Next Free address, Read
address, and Write address.
PA:AA Bus After a Comparison Cycle
After
a
Comparison
cycle,
or
access
to
the
Highest-Priority address, the PA:AA bus carries one of the
following two possible results:
The Match address if the Comparison cycle resulted
in a match in the MU9C. Only the device containing
the highest-priority match enables its PA:AA bus. All
other devices with either no match or a lower-priority
match, as indicated by the Match Flag daisy chain,
keep their PA:AA bus in high-impedance regardless
of the state of their /OE inputs.
All 1s if there was no match in the MU9C. The
lowest-priority device, as indicated by bit FR25 in the
Configuration register, enables its PA:AA bus and
provides the source of all 1s. All other devices will
keep their PA:AA bus in high-impedance regardless
of the state of their /OE inputs.
PA:AA Bus After a Write at Next Free Address Cycle
After a Write at Next Free Address cycle the PA:AA
carries the address that was written to during that cycle.
Only the device in which the write occurred enables its
PA:AA bus. All other devices keep their PA:AA bus in
high-impedance regardless of the state of their /OE inputs.
In the event that the system was full prior to the Write at
Next Free Address cycle being executed, so that the write
operation was suppressed, the PA:AA carries all 1s. The
lowest-priority device, as indicated by bit FR25 in the
Configuration register, enables its PA:AA bus and
provides the source of all 1s. All other devices keep their
PA:AA in high-impedance regardless of the state of their
/OE inputs.


Similar Part No. - MU9C4K64-90TDI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4K64-90TDI MUSIC-MU9C4K64-90TDI Datasheet
1Mb / 35P
   MU9C RCP Family
More results

Similar Description - MU9C4K64-90TDI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MU9C4K64 MUSIC-MU9C4K64 Datasheet
1Mb / 35P
   MU9C RCP Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
ATMEL Corporation
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com