Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L11 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB6L11
Description  2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L11 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB6L11 Datasheet HTML 4Page - ON Semiconductor NB6L11 Datasheet HTML 5Page - ON Semiconductor NB6L11 Datasheet HTML 6Page - ON Semiconductor NB6L11 Datasheet HTML 7Page - ON Semiconductor NB6L11 Datasheet HTML 8Page - ON Semiconductor NB6L11 Datasheet HTML 9Page - ON Semiconductor NB6L11 Datasheet HTML 10Page - ON Semiconductor NB6L11 Datasheet HTML 11Page - ON Semiconductor NB6L11 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NB6L11
http://onsemi.com
11
PACKAGE DIMENSIONS
SOIC−8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751−07
ISSUE AB
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
SO−8
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1


Similar Part No. - NB6L11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
NB6L11DG ONSEMI-NB6L11DG Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11DR2 ONSEMI-NB6L11DR2 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
More results

Similar Description - NB6L11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L16 ONSEMI-NB6L16_07 Datasheet
188Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com