Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C4K64-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MU9C4K64-12
Description  MU9C Routing Coprocessor (RCP) Family
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU9C4K64-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MU9C4K64-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C4K64-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
MUSIC Semiconductors, the MUSIC logo, and the phrase “MUSIC Semiconductors” are
June 1 2002 Rev. 6
Registered trademarks of MUSIC Semiconductors. MUSIC is a trademark of
MUSIC Semiconductors.
DQ31–0
/VB
AA Bus
PA3–0
/MM
/RESET
TCLK
TMS
TDI
TDO
/TRST
CONTROL
AND
ADDRESS
DECODER
PRIORITY
ENCODER
AND
FLAG
LOGIC
/E
/CS1
/CS2
/W
/OE
/AV
AC Bus
/DSC
INSTRUCTION REGISTER
DEVICE SELECT REGISTER
STATUS REGISTER
CONFIGURATION REGISTER
ADDRESS REGISTER
MASK REGISTERS 1–7
COMPARAND REGISTER
4 K x 64 Word
(MU9C4K64)
8 K x 64 Word
(MU9C8K64)
Address Database
/M F
/M I
/FF
/FI
Figure 1: Block Diagram
APPLICATION BENEFITS
• 28 million IPv4 packets per second supports up to 18
Gb Ethernet or 7 OC-48 ATM ports at wire speed
• Exact match on MAC addresses
• Processes DA and SA within 190 ns, supporting three ports
of 1 Gb or 34 ports of 100 Mb Ethernet at wire
speed
• Mixed mode L3 and L2 single search engine for two ports
at 1 Gb or 29 ports of 100 Mb Ethernet at wire
speed
• Directly addresses external RAM containing
associated data of any width
• Hardware control states directly address memory and
registers; Instruction and Status registers for optional
software control
DISTINCTIVE CHARACTERISTICS
• 4K and 8K x 64-bit words
• 64-bit binary compares
• 35 ns deterministic compare and output time
• 32-bit Data I/O port
• 16-bit Match Address Output port
• Address/Control bus directly controls device operations for
faster operation or higher throughput
• Seven selectable mask registers
• Synchronous operation
• Cascadable for increased depth
• Extensive set of control states for flexibility
• JTAG interface
• 100-pin LQFP package; 3.3 Volt operation
MU9C Routing Coprocessor (RCP) Family


Similar Part No. - MU9C4K64-12

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4K64-50TDC MUSIC-MU9C4K64-50TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C4K64-70TDC MUSIC-MU9C4K64-70TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C4K64-70TDI MUSIC-MU9C4K64-70TDI Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C4K64-90TDC MUSIC-MU9C4K64-90TDC Datasheet
1Mb / 35P
   MU9C RCP Family
MU9C4K64-90TDI MUSIC-MU9C4K64-90TDI Datasheet
1Mb / 35P
   MU9C RCP Family
More results

Similar Description - MU9C4K64-12

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MU9C4K64 MUSIC-MU9C4K64 Datasheet
1Mb / 35P
   MU9C RCP Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
ATMEL Corporation
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com