Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0600R2 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # HCPL0600R2
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0600R2 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL0600R2 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
HCPL0600, HCPL0601, HCPL0611, HCPL0630, HCPL0631, HCPL0661 Rev. 1.0.1
Typical Performance Curves (HCPL0611, HCPL0630, HCPL0631 and HCPL0661 only)
Fig. 12 Input Forward Current vs. Forward Voltage
Fig. 13 Input Threshold Current vs.
Ambient Temperature (HCPL0611 only)
Fig. 14 Input Threshold Current vs. Ambient Temperature
(HCPL0630, HCPL0631 and HCPL0661 only)
Fig. 15 High Level Output Current vs.
Ambient Temperature
Fig. 16 Low Level Output Current vs.
Ambient Temperature
Fig. 17 Low Level Output Voltage vs.
Ambient Temperature
V
F - FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA = 85°C
TA = 100°C
TA = 25°C
TA = 0°C
TA = -40°C
0.8
0.001
0.01
0.1
1
10
100
TA - AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 5.5V
VO = 0.6V
VE = 2V
RL = 1kΩ
RL = 350Ω
RL = 4kΩ
TA - AMBIENT TEMPERATURE (
°C)
TA - AMBIENT TEMPERATURE (
°C)
TA - AMBIENT TEMPERATURE (
°C)
TA - AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 5.5V
VO = 0.6V
RL = 1kΩ
RL = 350Ω
RL = 4kΩ
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
VO = VCC = 5.5V
VE = 2V (Single Channel Only)
IF = 250 µA
-40
-20
0
20
40
60
80
100
10
15
20
25
30
35
40
V
CC
= 5.5V
VE = 2V (Single Channel Only)
VOL = 0.6V
IF = 5 - 15mA
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
CC
= 5.5V
VE = 2V (Single Channel Only)
IF = 5mA
IO = 6.4mA
IO = 9.6mA
IO = 12.8mA
IO = 16mA


Similar Part No. - HCPL0600R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600R2 FAIRCHILD-HCPL0600R2 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600R2V FAIRCHILD-HCPL0600R2V Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0600R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com