Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0600R2 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL0600R2
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0600R2 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL0600R2 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0600R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.fairchildsemi.com
HCPL0600, HCPL0601, HCPL0611, HCPL0630, HCPL0631, HCPL0661 Rev. 1.0.1
Electrical Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
Individual Component Characteristics
Switching Characteristics (TA = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA Unless otherwise specified.)
Parameter
Test Conditions Symbol Min Typ** Max
Unit
EMITTER
(IF = 10 mA)
VF
1.8
V
Input Forward Voltage
TA =25°C
1.75
Input Reverse Breakdown Voltage
(IR = 10 µA)
BVR
5.0
V
Input Capacitance
(VF = 0, f = 1 MHz)
CIN
pF
Input Diode Temperature Coefficient
(IF = 10 mA)
∆VF/∆TA
mV/°C
DETECTOR
(VE = 0.5 V)
Single Channel
ICCH
10
mA
High Level Supply Current
(IF = 0 mA, VCC = 5.5 V)
Dual Channel
15
Low Level Supply Current
(VE = 0.5 V)
Single Channel
ICCL
13
mA
(IF = 10 mA, VCC = 5.5V)
Dual Channel
21
Low Level Enable Current
(VCC = 5.5 V, VE = 0.5 V)
Single Channel
IEL
-1.6
mA
High Level Enable Current
(VCC = 5.5 V, VE = 2.0 V)
Single Channel
IEH
-1.6
mA
High Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA)
Single Channel
VEH
2.0
V
Low Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA)(Note 2)
Single Channel
VEL
0.8
V
AC Characteristics
Test Conditions
Device
Symbol
Min
Typ Max Unit
Propagation Delay Time
to Output High Level
(Note 3)
(TA =25°C)
All
TPLH
20
75
ns
(RL = 350Ω, CL = 15 pF) (Fig. 12)
100
Propagation Delay Time
to Output Low Level
(Note 4)
(TA =25°C)
All
TPHL
25
75
ns
(RL = 350Ω, CL = 15 pF) (Fig. 12)
100
Pulse Width Distortion
(RL = 350Ω, CL = 15 pF) (Fig. 12)
All
|TPHL-TPLH|35
ns
Output Rise Time (10-90%)
(RL = 350Ω, CL = 15 pF)(Note 5) (Fig. 12)
All
tr
50
ns
Output Fall Time (90-10%)
(RL = 350Ω, CL = 15 pF)(Note 6) (Fig. 12)
All
tf
12
ns
Enable Propagation Delay
Time to Output High Level
(IF = 7.5 mA, VEH = 3.5 V)
(RL = 350Ω, CL = 15 pF) (Note 7) (Fig. 13)
HCPL0600
HCPL0601
HCPL0611
tELH
20
ns
Enable Propagation Delay
Time to Output Low Level
(IF = 7.5 mA, VEH = 3.5 V)
(RL = 350Ω, CL = 15 pF) (Note 8) (Fig. 13)
HCPL0600
HCPL0601
HCPL0611
tEHL
20
ns
Common Mode
Transient Immunity
(at Output High Level)
(RL = 350Ω) (TA =25°C)
(IF = 0 mA, VOH (Min.) =
2.0 V) (Note 9)(Fig. 14)
|VCM| = 10 V HCPL0600
HCPL0630
|CMH|
V/µs
|VCM| = 50 V HCPL0601
HCPL0631
5000
|VCM| = 1,000 V HCPL0611
HCPL0661
25,000
Common Mode
Transient Immunity
(at Output Low Level)
(RL = 350Ω) (TA =25°C)
(IF = 7.5 mA, VOL (Max.) =
0.8 V) (Note 10)(Fig. 14)
|VCM| = 10 V HCPL0600
HCPL0630
|CMH|
V/µs
|VCM| = 50 V HCPL0601
HCPL0631
5000
|VCM| = 1,000 V HCPL0611
HCPL0661
25,000


Similar Part No. - HCPL0600R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600R2 FAIRCHILD-HCPL0600R2 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600R2V FAIRCHILD-HCPL0600R2V Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0600R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com