Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN-26N90 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN-26N90
Description  HiPerFETTM Power MOSFETs Single Die MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN-26N90 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN-26N90 Datasheet HTML 1Page - IXYS Corporation IXFN-26N90 Datasheet HTML 2Page - IXYS Corporation IXFN-26N90 Datasheet HTML 3Page - IXYS Corporation IXFN-26N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFN 25N90
IXFN 26N90
Figure 9. Forward Voltage Drop of the Intrinsic Diode
V
SD - Volts
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
40
45
50
Case Temperatue -
oC
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50
100
150
200
250
300
350
0
3
6
9
12
15
Crss
Coss
Ciss
VDS = 500 V
ID = 13 A
IG = 10 mA
f = 1MHz
IXFN26N90
TJ = 125oC
TJ = 25oC
0. 300
IXFN25N90
20000
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure10. Drain Current vs. Case Temperature
Capacitance Curves
Figure 11. Transient Thermal Resistance


Similar Part No. - IXFN-26N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN100N10 IXYS-IXFN100N10 Datasheet
295Kb / 8P
   HIPERFET Power MOSFTETs
IXFN100N10S1 IXYS-IXFN100N10S1 Datasheet
99Kb / 2P
   HiPerFET Power MOSFETs with Schottky Diodes
IXFN100N10S2 IXYS-IXFN100N10S2 Datasheet
99Kb / 2P
   HiPerFET Power MOSFETs with Schottky Diodes
IXFN100N10S3 IXYS-IXFN100N10S3 Datasheet
99Kb / 2P
   HiPerFET Power MOSFETs with Schottky Diodes
IXFN100N20 IXYS-IXFN100N20 Datasheet
112Kb / 4P
   HiPerFET Power MOSFETs
More results

Similar Description - IXFN-26N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N80 IXYS-IXFN44N80 Datasheet
120Kb / 2P
   HiPerFETTM Power MOSFETs Single MOSFET Die
IXFN34N80 IXYS-IXFN34N80 Datasheet
129Kb / 4P
   HiPerFETTM Power MOSFETs Single DieMOSFET
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
   Power MOSFETs Single Die MOSFET
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
   HiPerFETTM Power MOSFETs
IXFH80N085 IXYS-IXFH80N085 Datasheet
54Kb / 2P
   HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
   HiPerFETTM Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
   HiPerFETTM Power MOSFETs
IXFN340N07 IXYS-IXFN340N07_04 Datasheet
103Kb / 5P
   HiPerFET??Power MOSFETs Single Die MOSFET
IXFE44N60 IXYS-IXFE44N60 Datasheet
83Kb / 2P
   HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com