Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB92ASWT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MSB92ASWT1
Description  PNP Silicon General Purpose High Voltage Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB92ASWT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MSB92ASWT1 Datasheet HTML 1Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 2Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 3Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 4Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 5Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSB92ASWT1
http://onsemi.com
3
PD =
TJ(max) - TA
RqJA
PD =
150
°C - 25°C
0.625
°C/W
= 200 milliwatts
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the maxi-
mum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and re-
sult in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied dur-
ing cooling.
* Soldering a device without preheating can cause exces-
sive thermal shock and stress which can result in damage
to the device.
INFORMATION FOR USING THE SC-70/SOT-323 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
SC-70/SOT-323 POWER DISSIPATION
The power dissipation of the SC-70/SOT-323 is a func-
tion of the pad size. This can vary from the minimum pad
size for soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device
is determined by TJ(max), the maximum rated junction tem-
perature of the die, R
qJA, the thermal resistance from the
device junction to ambient; and the operating temperature,
TA. Using the values provided on the data sheet, PD can be
calculated as follows.
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one
can calculate the power dissipation of the device which in
this case is 200 milliwatts.
The 0.625
°C/W assumes the use of the recommended
footprint on a glass epoxy printed circuit board to achieve
a power dissipation of 200 milliwatts. Another alternative
would be to use a ceramic substrate or an aluminum core
board such as Thermal Clad
™. Using a board material such
as Thermal Clad, a higher power dissipation of 300 milli-
watts can be achieved using the same footprint.
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are sub-
jected.
Always preheat the device.
The delta temperature between the preheat and solder-
ing should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum tem-
perature ratings as shown on the data sheet. When us-
ing infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
mm
inches
0.039
1.0
0.094
0.8
2.4
0.031
0.95
0.037
0.95
0.037


Similar Part No. - MSB92ASWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
   PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
MSB92ASWT1G ONSEMI-MSB92ASWT1G_10 Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
More results

Similar Description - MSB92ASWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB92T1G ONSEMI-MSB92T1G_12 Datasheet
99Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
July, 2012 ??Rev. 1
MSB92WT1 ONSEMI-MSB92WT1 Datasheet
61Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 6
MSB92T1G ONSEMI-MSB92T1G Datasheet
79Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
August, 2007 - Rev. 0
MSB92WT1G ONSEMI-MSB92WT1G Datasheet
123Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 7
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
   PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
MSB92ASWT1G ONSEMI-MSB92ASWT1G_10 Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
logo
AiT Semiconductor Inc.
MMBTA92L AITSEMI-MMBTA92L Datasheet
569Kb / 6P
   GENERAL PURPOSE TRANSISTORS HIGH VOLTAGE TRANSISTOR PNP SILICON
REV1.1
logo
AUK corp
2N5401 AUK-2N5401 Datasheet
202Kb / 3P
   PNP Silicon Transistor (General purpose amplifier High voltage application)
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com