Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M391T6453FZ3-CE6 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M391T6453FZ3-CE6
Description  DDR2 Unbuffered SDRAM MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391T6453FZ3-CE6 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M391T6453FZ3-CE6 Datasheet HTML 7Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 8Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 9Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 10Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 11Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 12Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 13Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 14Page - Samsung semiconductor M391T6453FZ3-CE6 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Unbuffered DIMMs
DDR2 SDRAM
Operating Temperature Condition
Note :
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to
JESD51.2 standard.
2. At 0 - 85
°C, operation temperature range are the temperature which all DRAM specification will be supported.
3. At 85 - 95
°C operation temperature range, doubling refresh commands in frequency to a 32ms period ( tREFI=3.9 us ) is required, and to enter to self
refresh mode at this temperature range, an EMRS command is required to change internal refresh rate.
Input DC Logic Level
Input AC Logic Level
AC Input Test Conditions
Notes:
1. Input waveform timing is referenced to the input signal crossing through the VIH/IL(AC) level applied to the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(AC) min for rising edges and the range from VREF to VIL(AC)
max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive transitions and VIH(AC) to VIL(AC) on the negative
transitions.
Symbol
Parameter
Rating
Units
Notes
TOPER
Operating Temperature
0 to 95
°C
1, 2, 3
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(DC)
DC input logic high
VREF + 0.125
VDDQ + 0.3
V
VIL(DC)
DC input logic low
VDDQ- 0.3
VREF - 0.125
V
Symbol
Parameter
DDR2-400, DDR2-533
DDR2-667
Units
Notes
Min.
Max.
Min.
Max.
VIH (AC)
AC input logic high
VREF + 0.250
-
VREF + 0.200
V
VIL (AC)
AC input logic low
-
VREF - 0.250
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(AC) min
VIH(DC) min
VREF
VIL(DC) max
VIL(AC) max
VSS
< AC Input Test Signal Waveform >
VSWING(MAX)
delta TR
delta TF
VREF - VIL(AC) max
delta TF
Falling Slew =
Rising Slew =
VIH(AC) min - VREF
delta TR


Similar Part No. - M391T6453FZ3-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391T6453FGZ0-CE6/D5/CC SAMSUNG-M391T6453FGZ0-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M391T6453FGZ3-CE6/D5/CC SAMSUNG-M391T6453FGZ3-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
More results

Similar Description - M391T6453FZ3-CE6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com