Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5264 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5264
Description  150mA UCap Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5264 Datasheet HTML 1Page - Micrel Semiconductor MIC5264 Datasheet HTML 2Page - Micrel Semiconductor MIC5264 Datasheet HTML 3Page - Micrel Semiconductor MIC5264 Datasheet HTML 4Page - Micrel Semiconductor MIC5264 Datasheet HTML 5Page - Micrel Semiconductor MIC5264 Datasheet HTML 6Page - Micrel Semiconductor MIC5264 Datasheet HTML 7Page - Micrel Semiconductor MIC5264 Datasheet HTML 8Page - Micrel Semiconductor MIC5264 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5264
April 2005
4
M9999-041505
(408) 955-1690
Typical Characteristics
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 0.01µF
COUT = 1µF
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
-80
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 0.1µF
COUT = 1µF
10
100
1000
10000
100000
1000000
0
-10
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
VIN = VOUT + 1V
VOUT = 3.0V
BYP = 1µF
COUT = 1µF
0.00
0.05
0.10
0.20
0.25
0.30
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0.15
125°C
25°C
-40°C
0.00
0.05
0.10
0.20
0.25
0.30
-40 -15 10
35 60 85 110
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
0.15
150mA
50mA
100mA
10mA 1mA
2.80
2.85
2.90
3.00
3.05
3.10
-40 -15 10
35 60 85 110
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
2.95
3.15
3.20
Iload = 100µA
VOUT = 3.0V
VIN = VOUT + 1
0
0.5
1
2
2.5
3
0
1
2
3
4
5
INPUT VOLTAGE(V)
Output Voltage
vs. Input Voltage
1.5
100µA Load
150µA Load
72
73
74
75
76
77
78
79
80
81
82
83
0
30
60
90
120
150
OUTPUT CURRENT (mA)
Ground Pin Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 3.0V
68
70
72
76
78
-40
-10
20
50
80
110
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
74
Iload = 100µA
60
65
70
80
90
-40
-10
20
50
80
110
TEMPERATURE (°C)
Ground Pin Current
vs. Temperature
75
Iload = 150mA
85
95
0
10
20
50
70
90
01
23
45
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
30
Iload = 100µA
VOUT = 3.0V
VIN = VOUT + 1
40
60
80
0
10
20
50
70
90
01
23
45
INPUT VOLTAGE (V)
Ground Pin Current
vs. Input Voltage
30
Iload = 150µA
VOUT = 3.0V
VIN = VOUT + 1
40
60
80


Similar Part No. - MIC5264

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5264-2.5/1.8YML MICREL-MIC5264-2.5/1.8YML Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5264-2.6/1.8YML MICREL-MIC5264-2.6/1.8YML Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5264-2.6/2.6YML MICREL-MIC5264-2.6/2.6YML Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5264-2.8/1.5YML MICREL-MIC5264-2.8/1.5YML Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
More results

Similar Description - MIC5264

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com