Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9313EHJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9313EHJ
Description  1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9313EHJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9313EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9313EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1:10 Differential LVPECL/LVECL/HSTL
Clock and Data Drivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC - VEE = +2.25V to +3.8V, outputs loaded with 50
Ω ±1% to VCC - 2V, CLKSEL = high or low, unless otherwise noted.) (Notes 1–4)
-40°C
+25°C
+85°C
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
MAX9311
VEE
VCC
- 1.62
VEE
VCC
- 1.62
VEE
VCC
-1.62
Single-Ended
Input Low
Voltage
VIL
VBB
connected
to CLK_
(VIH for VBB
connected
to CLK_),
Figure 1
MAX9313
VEE
VCC
- 1.475
VEE
VCC
- 1.475
VEE
VCC
-1.475
V
High Voltage
of Differential
Input
VIHD
VEE +1.2
VCC
VEE + 1.2
VCC
VEE +1.2
VCC
V
Low Voltage
of Differential
Input
VILD
VEE
VCC
- 0.095
VEE
VCC
- 0.095
VEE
VCC
- 0.095
V
For VCC - VEE < 3.0V
0.095
VCC
- VEE
0.095
VCC
- VEE
0.095
VCC
- VEE
Differential
Input Voltage
VIHD -
VILD
For VCC - VEE
≥ 3.0V
0.095
3.0
0.095
3.0
0.095
3.0
V
Input High
Current
IIH
150
150
150
µA
CLK_ Input Low
Current
IILCLK
-10
+10
-10
+10
-10
+10
µA
CLK_ Input Low
Current
IILCLK
-150
-150
-150
µA
OUTPUTS (Q_, Q_)
Single-Ended
Output High
Voltage
VOH
Figure 1
VCC
- 1.025
VCC
- 0.900
VCC
- 1.025
VCC
- 0.900
VCC
- 1.025
VCC
- 0.900
V
Single-Ended
Output Low
Voltage
VOL
Figure 1
VCC
- 1.93
VCC
- 1.695
VCC
- 1.93
VCC
- 1.695
VCC
- 1.93
VCC
- 1.695
V
Differential
Output Voltage
VOH -
VOL
Figure 1
670
950
670
950
670
950
mV
REFERENCE (VBB)
MAX9311
VCC
- 1.525
VCC
- 1.325
VCC
- 1.525
VCC
- 1.325
VCC
- 1.525
VCC
- 1.325
Reference
Voltage Output
(Note 5)
VBB
IBB =
±0.5mA
MAX9313
VCC
- 1.38
VCC
- 1.26
VCC
- 1.38
VCC
- 1.26
VCC
- 1.38
VCC
- 1.26
V
POWER SUPPLY
Supply Current
(Note 6)
IEE
75
82
95
mA


Similar Part No. - MAX9313EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
More results

Similar Description - MAX9313EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com