Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5055 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5055
Description  4A, 20ns, Dual MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5055 Datasheet HTML 1Page - Maxim Integrated Products MAX5055 Datasheet HTML 2Page - Maxim Integrated Products MAX5055 Datasheet HTML 3Page - Maxim Integrated Products MAX5055 Datasheet HTML 4Page - Maxim Integrated Products MAX5055 Datasheet HTML 5Page - Maxim Integrated Products MAX5055 Datasheet HTML 6Page - Maxim Integrated Products MAX5055 Datasheet HTML 7Page - Maxim Integrated Products MAX5055 Datasheet HTML 8Page - Maxim Integrated Products MAX5055 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
4A, 20ns, Dual MOSFET Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 4V to 15V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 15V and TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V
VDD -
0.55
Output-Voltage High
IOUT_ = 100mA
VDD = 15V
VDD -
0.275
V
LOGIC INPUT (Note 3)
MAX5054A
0.7 x
VDD
Logic 1 Input Voltage
VIH
MAX5054B/MAX5055/MAX5056/MAX5057
(Note 4)
2.1
V
MAX5054A
0.3 x
VDD
Logic 0 Input Voltage
VIL
MAX5054B/MAX5055/MAX5056/MAX5057
0.8
V
MAX5054A
0.1 x
VDD
Logic-Input Hysteresis
VHYS
MAX5054B/MAX5055/MAX5056/MAX5057
0.3
V
Logic-Input-Current Leakage
INA+, INB+, INA-, INB- = 0V or VDD
-1
+0.1
+1
µA
Input Capacitance
CIN
2.5
pF
SWITCHING CHARACTERISTICS FOR VDD = 15V (Figure 1)
CL = 1000pF
4
CL = 5000pF
18
OUT_ Rise Time
tR
CL = 10,000pF
32
ns
CL = 1000pF
4
CL = 5000pF
15
OUT_ Fall Time
tF
CL = 10,000pF
26
ns
Turn-On Delay Time
tD-ON
CL = 10,000pF (Note 2)
10
20
34
ns
Turn-Off Delay Time
tD-OFF
CL = 10,000pF (Note 2)
10
20
34
ns
SWITCHING CHARACTERISTICS FOR VDD = 4.5V (Figure 1)
CL = 1000pF
7
CL = 5000pF
37
OUT_ Rise Time
tR
CL = 10,000pF
85
ns
CL = 1000pF
7
CL = 5000pF
30
OUT_ Fall Time
tF
CL = 10,000pF
75
ns
Turn-On Delay Time
tD-ON
CL = 10,000pF (Note 2)
18
35
70
ns
Turn-Off Delay Time
tD-OFF
CL = 10,000pF (Note 2)
18
35
70
ns


Similar Part No. - MAX5055

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055AASA MAXIM-MAX5055AASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055AASA MAXIM-MAX5055AASA Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5055AASA++ MAXIM-MAX5055AASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055AASA++ MAXIM-MAX5055AASA+ Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5055BASA MAXIM-MAX5055BASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
More results

Similar Description - MAX5055

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com