Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6023EBT12-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6023EBT12-T
Description  Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6023EBT12-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6023EBT12-T Datasheet HTML 1Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 2Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 3Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 4Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 5Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 6Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 7Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 8Page - Maxim Integrated Products MAX6023EBT12-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Precision, Low-Power, Low-Dropout, UCSP
Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS–MAX6023EBT12 (VOUT = 1.250V)
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN .........................................................................-0.3V to +13.5V
OUT .............................................................-0.3V to (VIN + 0.3V)
Output Short Circuit to GND or IN (VIN < 6V) ............Continuous
Output Short Circuit to GND or IN (VIN
≥ 6V) .........................60s
Continuous Power Dissipation (TA = +70°C)
5-Bump UCSP (derate 3.4mW/°C above +70°C)........273mW
Operating Temperature Range ..........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering, 10s)................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25°C
1.247
1.250
1.253
V
Initial Voltage Accuracy
TA = +25°C
-0.24
+0.24
%
Output Voltage Temperature
Coefficient
(Note 3)
10
30
ppm/°C
Line Regulation
∆VOUT/
∆VIN
2.5V
≤ VIN ≤ 12.6V
10
80
µV/V
0
≤ IOUT ≤ 400µA
0.4
1.0
Load Regulation
∆VOUT/
∆IOUT
-400µA
≤ IOUT ≤ 0
0.5
1.1
µV/µA
Short to GND
4
Short-Circuit Current
ISC
Short to IN
10
mA
Temperature Hysteresis
(Note 4)
90
ppm
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25°C30
ppm/
1000hr
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
25
µVp-p
Noise Voltage
eOUT
f = 10Hz to 10kHz
65
µVRMS
Ripple Rejection
∆VOUT/
∆IOUT
VIN = +5V ±100mV, f = 120Hz
86
dB
Turn-On Settling Time
tR
To VOUT within 0.1% of final value,
COUT = 50pF
30
µs
Capacitive-Load Stability Range
COUT
(Note 3)
0
2.2
nF
INPUT
Supply-Voltage Range
VIN
Guaranteed by line-regulation test
2.5
12.6
V
Supply Current
IIN
27
35
µA
Change in Supply Current
∆IIN/∆VIN
2.5V
≤ VIN ≤ 12.6V
0.8
2.0
µA/V
Note 1: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits only the use of solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not allowed.


Similar Part No. - MAX6023EBT12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT MAXIM-MAX6023EBT Datasheet
95Kb / 8P
   CHIP SCALE DEVICES
Rev. A July 17, 2003
More results

Similar Description - MAX6023EBT12-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com