Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5166LECM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5166LECM
Description  32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5166LECM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5166LECM Datasheet HTML 1Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 2Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 3Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 4Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 5Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 6Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 7Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 8Page - Maxim Integrated Products MAX5166LECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
32-Channel Sample/Hold Amplifier
with Four Multiplexed Inputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +10V, VSS = -5V, VL = +5V ±5%, AGND = DGND, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND.......................................................-0.3V to +11.0V
VSS to AGND .........................................................-6.0V to +0.3V
VDD to VSS ......................................................................+15.75V
VL to DGND ...........................................................-0.3V to +6.0V
VL to AGND ...........................................................-0.3V to +6.0V
DGND to AGND.....................................................-0.3V to +2.0V
IN_ to AGND ...............................................................VSS to VDD
A_, M_ to DGND ....................................................-0.3V to +6.0V
Maximum Current into Output Pin ....................................±10mA
Maximum Current into A_, M_ ..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 12.5mW/°C above +70°C)..................1W
Operating Temperature Ranges
MAX5166_CCM ...................................................0°C to +70°C
MAX5166_ECM.................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Figure 2 (Note 1)
Figure 2 (Note 1)
Figure 2 (Note 1)
IN_ = AGND
To ±1mV of final value, Figure 2 (Note 1)
-4V < VIN < +7V, RL =
TA = +25°C, 100mV step to ±1mV, RL =
∞,
Figure 2 (Note 2)
8V step to 0.08%, RL =
∞, Figure 2 (Note 2)
(Note 1)
IN_ = AGND, TA = +25°C
IN_ = AGND, TA = +25°C
+15°C
≤ TA ≤ +65°C (Note 1)
RL =
∞,
CL = 250pF
CONDITIONS
ns
150
tDH
Data Hold Time
ns
200
tPW
Inhibit Pulse Width
ns
200
tAP
Aperture Delay
µs
12
tH
Hold-Mode Settling Time
µs
1
tAQ
2.5
4
Acquisition Time
mA
2
ISINK
Output Sink Current
mA
2
ISOURCE
Output Source Current
700
1000
1300
ROUT_
DC Output Impedance
mV
0.25
1.00
VHS
Hold Step
%
0.01
0.08
Linearity Error
350
500
650
35
50
65
pF
520
CIN_
Input Capacitance
mV/sec
140
VOUT
Droop Rate
mV
-30
-5
+30
µV/°C
20
40
VOS
Offset Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
8V step with
500ns rising edge
(Note 1)
Analog Crosstalk
MAX5166L
MAX5166M
MAX5166N
RL =
V
VSS +
VDD -
0.75
2.4
VOUT_
Output Voltage Range
MAX5165M, CL = 10nF
MAX5165N, CL = 10nF
MAX5165L, CL = 250pF
Figure 2 (Note 1)
ns
50
tDS
Data Setup Time
ANALOG SECTION
TIMING PERFORMANCE
dB
-72
-76


Similar Part No. - MAX5166LECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5166LECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Analog Devices
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5167 MAXIM-MAX5167 Datasheet
178Kb / 12P
   32-Channel Sample/Hold Amplifier with Output Clamping Diodes
Rev 0; 4/00
logo
Analog Devices
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com