Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5055BASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5055BASA
Description  4A, 20ns, Dual MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055BASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5055BASA Datasheet HTML 1Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 2Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 3Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 4Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 5Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 6Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 7Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 8Page - Maxim Integrated Products MAX5055BASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
4A, 20ns, Dual MOSFET Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 4V to 15V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = 15V and TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VDD...............................................................................-0.3V to +18V
INA+, INA-, INB+, INB- ...............................................-0.3V to +18V
OUTA, OUTB...................................................-0.3V to (VDD + 0.3V)
OUTA, OUTB Short-Circuit Duration ........................................10ms
Continuous Source/Sink Current at OUT_ (PD < PDMAX) .....200mA
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN-EP (derate 24.4mW/°C above +70°C)........1951mW
Junction-to-Case Thermal Resistance (
θJC) ......................2°C/W
8-Pin SO-EP (derate 19.2mW/°C above +70°C)… ........1538mW
Junction-to-Case Thermal Resistance (
θJC) ......................6°C/W
8-Pin SO (derate 5.9mW/°C above +70°C)… ..................471mW
Junction-to-Case Thermal Resistance (
θJC) ....................40°C/W
Operating Temperature Range..............................-40°C to +125°C
Storage Temperature Range .................................-65°C to +150°C
Junction Temperature ...........................................................+150°C
Lead Temperature (soldering, 10s)......................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
VDD Operating Range
VDD
415
V
VDD Undervoltage Lockout
UVLO
VDD rising
3.00
3.50
3.85
V
VDD Undervoltage Lockout
Hysteresis
200
mV
VDD Undervoltage Lockout to
Output Delay
VDD rising
12
µs
VDD = 4V
28
55
IDD
INA- = INB- = VDD,
INA+ = INB+ = 0V
(not switching)
VDD = 15V
40
75
µA
VDD Supply Current
IDD-SW
INA- = 0V, INB+ = VDD = 15V,
INA+ = INB- both channels switching at
250kHz, CL = 0
1
2.4
4
mA
DRIVER OUTPUT (SINK)
TA = +25°C
1.1
1.8
VDD = 15V,
IOUT_ = -100mA
TA = +125°C
1.5
2.4
TA = +25°C
2.2
3.3
Driver Output Resistance Pulling
Down
RON-N
VDD = 4.5V,
IOUT_ = -100mA
TA = +125°C
3.0
4.5
Peak Output Current (Sinking)
IPK-N
VDD = 15V, CL = 10,000pF
4
A
VDD = 4.5V
0.45
Output-Voltage Low
IOUT_ = -100mA
VDD = 15V
0.24
V
Latchup Protection
ILUP
Reverse current IOUT_ (Note 2)
400
mA
DRIVER OUTPUT (SOURCE)
TA = +25°C
1.5
2.1
VDD = 15V,
IOUT_ = 100mA
TA = +125°C
1.9
2.75
TA = +25°C
2.75
4
Driver Output Resistance Pulling
Up
RON-P
VDD = 4.5V,
IOUT_ = 100mA
TA = +125°C
3.75
5.5
Peak Output Current (Sourcing)
IPK-P
VDD = 15V, CL = 10,000pF
4
A


Similar Part No. - MAX5055BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055BASA MAXIM-MAX5055BASA Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055BASA MAXIM-MAX5055BASA Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055BASA++ MAXIM-MAX5055BASA+ Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
More results

Similar Description - MAX5055BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com