Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5166 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5166
Description  32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5166 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5166 Datasheet HTML 1Page - Maxim Integrated Products MAX5166 Datasheet HTML 2Page - Maxim Integrated Products MAX5166 Datasheet HTML 3Page - Maxim Integrated Products MAX5166 Datasheet HTML 4Page - Maxim Integrated Products MAX5166 Datasheet HTML 5Page - Maxim Integrated Products MAX5166 Datasheet HTML 6Page - Maxim Integrated Products MAX5166 Datasheet HTML 7Page - Maxim Integrated Products MAX5166 Datasheet HTML 8Page - Maxim Integrated Products MAX5166 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX5166 contains four 1-to-8 multiplexers and 32
sample/hold amplifiers. The sample/hold amplifiers are
organized into four octal sample/holds with separate
inputs and independent TTL/CMOS-compatible hold
enables for each octal set. Additional 3-bit TTL/CMOS-
compatible address logic selects the 1-to-8 multiplexer
channel. The MAX5166 is available with an output imped-
ance of 50
Ω, 500Ω, or 1kΩ, allowing output filtering.
The MAX5166 operates with +10V and -5V supplies,
and a separate +5V digital logic supply. Manufactured
with a proprietary BiCMOS process, it provides high
accuracy, fast acquisition time, low droop rate, and a
low hold step. The device acquires 8V step input sig-
nals to 0.01% accuracy in 2.5µs. Transitions from sam-
ple mode to hold mode result in only 0.5mV of error.
While in hold mode, the output voltage slowly droops at
a rate of 1mV/sec. The MAX5166 is available in a 48-pin
TQFP package.
Applications
Automatic Test Systems (ATE)
Industrial Process Controls
Arbitrary Function Generators
Avionics Equipment
Features
o Quad, 8-Channel Sample/Hold
o 0.01% Accuracy of Acquired Signal
o 0.01% Linearity Error
o Fast Acquisition Time: 2.5µs
o Low Droop Rate: 1mV/sec
o Low Hold Step: 0.25mV
o Wide Output Voltage Range: +7V to -4V
32-Channel Sample/Hold Amplifier
with Four Multiplexed Inputs
________________________________________________________________ Maxim Integrated Products
1
OUT21
OUT20
OUT19
OUT18
OUT17
OUT16
VDD
OUT15
OUT14
OUT13
OUT12
OUT11
A2
M0
M1
M2
M3
VL
DGND
VSS
AGND
IN3
IN2
IN1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP
MAX5166
TOP VIEW
19-1456; Rev 0; 8/99
PART
MAX5166LCCM
MAX5166MCCM
MAX5166NCCM
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
48 TQFP
48 TQFP
48 TQFP
Pin Configuration
Ordering Information
ROUT
(
Ω)
50
500
1k
MAX5166LECM
MAX5166MECM
MAX5166NECM
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
48 TQFP
48 TQFP
48 TQFP
50
500
1k


Similar Part No. - MAX5166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Analog Devices
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD684 AD-AD684 Datasheet
362Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX5167 MAXIM-MAX5167 Datasheet
178Kb / 12P
   32-Channel Sample/Hold Amplifier with Output Clamping Diodes
Rev 0; 4/00
logo
Analog Devices
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com