Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3344EEBE-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3344EEBE-T
Description  -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3344EEBE-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3344EEBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX3344EEBE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
±15kV ESD-Protected USB Transceivers
in UCSP with USB Detect
_______________________________________________________________________________________
5
7
8
9
10
11
12
13
14
15
4.00
4.50
4.25
4.75
5.00
5.25
5.50
SINGLE-ENDED RECEIVER PROPAGATION
DELAY vs. VCC
VCC (V)
TA = -40°C
TA = +25°C
TA = +85°C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4.00
4.50
4.25
4.75
5.00
5.25
5.50
TRANSMITTER SKEW vs. VCC
VCC (V)
TA = -40°C
TA = +25°C
TA = +85°C
3
5
4
7
6
9
8
10
1.5
2.1
2.4
1.8
2.7
3.0
3.3
3.6
LOGIC CURRENT CONSUMPTION IN
SUSPEND MODE
VL (V)
22
25
24
23
26
27
28
29
30
31
32
4.00
4.50
4.25
4.75
5.00
5.25
5.50
VCC CURRENT CONSUMPTION IN
SUSPEND MODE
VCC (V)
3.0
3.1
3.3
3.2
3.4
3.5
4.00
4.50
4.25
4.75
5.00
5.25
5.50
VTRM vs. VCC
VCC (V)
IVTRM = 15mA
D-
D+
1V/div
RISE- AND FALL-TIME MATCHING
MAX3344E/45E toc09
20ns/div
f = 6MHz
2V/div
SUSP
SUSPEND RESPONSE
MAX3344E/45E toc10
100ns/div
0
0
RCV
2V/div
VPO
TRANSMISSION IN SUSPEND MODE
(SUSP = 1)
MAX3344E/45E toc11
2µs/div
VMO
D+
D-
USB_DET
VCC
USB_DET RESPONSE
MAX3344E/45E toc12
10µs/div
0
0
2V/div
Typical Operating Characteristics (continued)
(VCC = 5V, VL = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3344EEBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results

Similar Description - MAX3344EEBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com