Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378T3253FZ0-CCC Datasheet(PDF) 2 Page - Samsung semiconductor

Part # M378T3253FZ0-CCC
Description  DDR2 Unbuffered SDRAM MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378T3253FZ0-CCC Datasheet(HTML) 2 Page - Samsung semiconductor

  M378T3253FZ0-CCC Datasheet HTML 1Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 2Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 3Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 4Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 5Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 6Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 7Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 8Page - Samsung semiconductor M378T3253FZ0-CCC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Unbuffered DIMMs
DDR2 SDRAM
DDR2 Unbuffered DIMM Ordering Information
Note: “Z” of Part number(11th digit) stand for Lead-free products.
Note: “3” of Part number(12th digit) stand for Dummy Pad PCB products.
Part Number
Density
Organization
Component Composition
Number of Rank
Height
x64 Non ECC
M378T3253FG(Z)3-CE6/D5/CC
256MB
32Mx64
32Mx8(K4T56083QF)*8
1
30mm
M378T3253FG(Z)0-CE6/D5/CC
256MB
32Mx64
32Mx8(K4T56083QF)*8
1
30mm
M378T6453FG(Z)3-CE6/D5/CC
512MB
64Mx64
32Mx8(K4T56083QF)*16
2
30mm
M378T6453FG(Z)0-CE6/D5/CC
512MB
64Mx64
32Mx8(K4T56083QF)*16
2
30mm
x72 ECC
M391T3253FG(Z)3-CE6/D5/CC
256MB
32Mx72
32Mx8(K4T56083QF)*9
1
30mm
M391T3253FG(Z)0-CE6/D5/CC
256MB
32Mx72
32Mx8(K4T56083QF)*9
1
30mm
M391T6453FG(Z)3-CE6/D5/CC
512MB
64Mx72
32Mx8(K4T56083QF)*18
2
30mm
M391T6453FG(Z)0-CE6/D5/CC
512MB
64Mx72
32Mx8(K4T56083QF)*18
2
30mm
Features
• Performance range
• JEDEC standard 1.8V ± 0.1V Power Supply
•VDDQ = 1.8V ± 0.1V
• 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin, 333MHz fCK for 667Mb/sec/pin
• 4 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5
• Programmable Additive Latency: 0, 1 , 2 , 3 and 4
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination
• Average Refresh Period 7.8us at lower than a TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
- support High Temperature Self-Refresh rate enable feature
• Package: 60ball FBGA - 32Mx8
• All of Lead-free products are compliant for RoHS
Note: For detailed DDR2 SDRAM operation, please refer to Samsung’s Device operation & Timing diagram.
E6(DDR2-667)
D5(DDR2-533)
CC(DDR2-400)
Unit
Speed@CL3
400
400
400
Mbps
Speed@CL4
533
533
400
Mbps
Speed@CL5
667
-
-Mbps
CL-tRCD-tRP
5-5-5
4-4-4
3-3-3
CK
Address Configuration
Organization
Row Address
Column Address
Bank Address
Auto Precharge
32Mx8(256Mb) based Module
A0-A12
A0-A9
BA0-BA1
A10


Similar Part No. - M378T3253FZ0-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3253FGZ0-CE6/D5/CC SAMSUNG-M378T3253FGZ0-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6/D5/CC SAMSUNG-M378T3253FGZ3-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
More results

Similar Description - M378T3253FZ0-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com