Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLL821-1TR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MLL821-1TR
Description  6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL821-1TR Datasheet(HTML) 2 Page - Microsemi Corporation

  MLL821-1TR Datasheet HTML 1Page - Microsemi Corporation MLL821-1TR Datasheet HTML 2Page - Microsemi Corporation MLL821-1TR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6.2 & 6.55 Volt Temperature Compensated
Surface Mount Zener Reference Diodes
SCOTTSD A L E DIVISION
1N821UR thru 1N829AUR-1
(or MLL821 thru MLL829-1)
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
ZENER
VOLTAGE
(Note 1 and 4)
VZ @ IZT
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
(Note 2)
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR @ 3 V
VOLTAGE
TEMPERATURE
STABILITY
(
∆VZT MAX)
-55
oC to +100oC
(Note 3 and 4)
EFFECTIVE
TEMPERATURE
COEFFICIENT
αVZ
JEDEC
TYPE NUMBER
(Notes 1, 5 & 6)
VOLTS
mA
OHMS
µA
mV
%/
oC
1N821UR
1N821AUR
1N822UR †
1N823UR
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
7.5
7.5
7.5
7.5
15
10
15
15
2.0
2.0
2.0
2.0
96
96
96
48
0.01
0.01
0.01
0.005
1N823AUR
1N824UR †
1N825UR
1N825AUR
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
5.9 – 6.5
7.5
7.5
7.5
7.5
10
15
15
10
2.0
2.0
2.0
2.0
48
48
19
19
0.005
0.005
0.002
0.002
1N826UR
1N827UR
1N827AUR
1N828UR
6.2 – 6.9
5.9 – 6.5
5.9 – 6.5
6.2 – 6.9
7.5
7.5
7.5
7.5
15
15
10
15
2.0
2.0
2.0
2.0
20
9
9
10
0.002
0.001
0.001
0.001
1N829UR
1N829AUR
5.9 – 6.5
5.9 – 6.5
7.5
7.5
15
10
2.0
2.0
5
5
0.0005
0.0005
*JEDEC Registered Data.
†Double Anode; electrical specifications apply under both bias polarities.
NOTES:
1.
Add a “-1” suffix for internal metallurgical bond. When ordering devices with tighter tolerances than specified for the VZ voltage nominal
of 6.15 V, add a further hyphened suffix number % to the part number for desired tolerance, e.g. 1N827UR-1-2%, 1N829UR-1-1%,
1N829AUR-1%, 1N829AUR-1-1%, etc.
2.
Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25
oC.
3.
The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV
change at any discrete temperature between the established limits.
4.
Voltage measurements to be performed 15 seconds after application of dc current.
5.
1N821UR-1, 1N823UR-1, 1N825UR-1, 1N827UR-1, and 1N829UR-1 also have qualification to MIL-PRF-19500/159 by adding the JAN,
JANTX, or JANTXV prefix to part numbers as well as the “-1” suffix; e.g. JANTX1N827UR-1, JANTXV1N829UR-1, etc.
6.
This product series has also been previously identified as the MLL821 thru MLL829A-1. This alternate name may still be used.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
12-19-2003 REV A


Similar Part No. - MLL821-1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL1.4KESD10 MICROSEMI-MLL1.4KESD10 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
MLL1.4KESD100 MICROSEMI-MLL1.4KESD100 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
MLL1.4KESD100A MICROSEMI-MLL1.4KESD100A Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
MLL1.4KESD10A MICROSEMI-MLL1.4KESD10A Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
MLL1.4KESD11 MICROSEMI-MLL1.4KESD11 Datasheet
213Kb / 4P
   SURFACE MOUNT TVS
More results

Similar Description - MLL821-1TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com