Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378T3253FG3-CCC Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M378T3253FG3-CCC
Description  DDR2 Unbuffered SDRAM MODULE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378T3253FG3-CCC Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M378T3253FG3-CCC Datasheet HTML 6Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 7Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 8Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 9Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 10Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 11Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 12Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 13Page - Samsung semiconductor M378T3253FG3-CCC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 1.3 Aug. 2005
256MB, 512MB Unbuffered DIMMs
DDR2 SDRAM
Absolute Maximum DC Ratings
Note :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2
standard.
AC & DC Operating Conditions
Recommended DC Operating Conditions (SSTL - 1.8)
Note : There is no specific device VDD supply voltage requirement for SSTL-1.8 compliance. However under all conditions VDDQ must be less than or equal
to VDD.
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to be about 0.5
x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed +/-2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. AC parameters are measured with VDD, VDDQ and VDDL tied together.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to VSS
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
4
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
4
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
1,2
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
3


Similar Part No. - M378T3253FG3-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3253FGZ0-CE6/D5/CC SAMSUNG-M378T3253FGZ0-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6/D5/CC SAMSUNG-M378T3253FGZ3-CE6/D5/CC Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
More results

Similar Description - M378T3253FG3-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com