Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M366S3323CT0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M366S3323CT0
Description  PC100 Unbuffered DIMM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S3323CT0 Datasheet(HTML) 7 Page - Samsung semiconductor

  M366S3323CT0 Datasheet HTML 1Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 2Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 3Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 4Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 5Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 6Page - Samsung semiconductor M366S3323CT0 Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SERIAL PRESENCE DETECT
PC100 Unbuffered DIMM
Rev 0.1 Apr. 2000
Byte #
Function Described
Function Supported
Hex value
Note
-1H
-1L
-1H
-1L
35
Data signal input hold time
1ns
1ns
10h
10h
36~61
Superset information (maybe used in future)
-
00h
62
SPD data revision code
PC100 SPD Spec. Ver. 1.2A
12h
63
Checksum for bytes 0 ~ 62
-
29h
59h
64
Manufacturer JEDEC ID code
Samsung
CEh
65~71
...... Manufacturer JEDEC ID code
Samsung
00h
72
Manufacturing location
Onyang Korea
01h
73
Manufacturer part # (Memory module)
M
4Dh
74
Manufacturer part # (DIMM configuration)
3
33h
75
Manufacturer part # (Data bits)
Blank
20h
76
...... Manufacturer part # (Data bits)
7
37h
77
...... Manufacturer part # (Data bits)
4
34h
78
Manufacturer part # (Mode & operating voltage)
S
53h
79
Manufacturer part # (Module depth)
3
33h
80
...... Manufacturer part # (Module depth)
3
33h
81
Manufacturer part # (Refresh, # of banks in Comp. & interface)
2
32h
82
Manufacturer part # (Composition component)
3
33h
83
Manufacturer part # (Component revision)
C
43h
84
Manufacturer part # (Package type)
T
54h
85
Manufacturer part # (PCB revision & type)
0
30h
86
Manufacturer part # (Hyphen)
" - "
2Dh
87
Manufacturer part # (Power)
C
43h
88
Manufacturer part # (Minimum cycle time)
1
1
31h
31h
89
Manufacturer part # (Minimum cycle time)
H
L
48h
4Ch
90
Manufacturer part # (TBD)
Blank
20h
91
Manufacturer revision code (For PCB)
0
30h
92
...... Manufacturer revision code (For component)
C-die (4th Gen.)
43h
93
Manufacturing date (Week)
-
-
3
94
Manufacturing date (Year)
-
-
3
95~98
Assembly serial #
-
-
4
99~125
Manufacturer specific data (may be used in future)
Undefined
-
5
126
System frequency for 100MHz
100MHz
64h
127
PC100 specification details
Detailed 100MHz Information
FFh
FDh
128+
Unused storage locations
Undefined
-
5
1. The bank select address is excluded in counting the total # of addresses.
2. This value is based on the component specification.
3. These bytes are programmed by code of Date Week & Date Year with BCD format.
4. These bytes are programmed by Samsung
′s own Assembly Serial # system. All modules may have different unique serial #.
5. These bytes are Undefined and can be used for Samsung
′s own purpose.
Note :


Similar Part No. - M366S3323CT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results

Similar Description - M366S3323CT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
M366S0823DTS SAMSUNG-M366S0823DTS Datasheet
67Kb / 7P
   PC100 Unbuffered DIMM(168pin) SPD Specification(64Mb D-die base)
M366S1724CT0-C1H SAMSUNG-M366S1724CT0-C1H Datasheet
63Kb / 7P
   PC100 Unbuffered DIMM(168pin) SPD Specification(128Mb C-die base)
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com