Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1743 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1743 Datasheet HTML 4Page - Linear Technology LTC1743 Datasheet HTML 5Page - Linear Technology LTC1743 Datasheet HTML 6Page - Linear Technology LTC1743 Datasheet HTML 7Page - Linear Technology LTC1743 Datasheet HTML 8Page - Linear Technology LTC1743 Datasheet HTML 9Page - Linear Technology LTC1743 Datasheet HTML 10Page - Linear Technology LTC1743 Datasheet HTML 11Page - Linear Technology LTC1743 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1743
1743f
TYPICAL PERFOR A CE CHARACTERISTICS
2nd and 3rd Harmonic vs Input
Frequency, 3.2V Range, –1dB
INPUT FREQUENCY (MHz)
–60
–70
–80
1743 G30
–110
–90
–100
100
110
3RD HARMONIC
2ND HARMONIC
Worst Harmonic 4th or Higher vs
Input Frequency, 3.2V Range, –1dB
INPUT FREQUENCY (MHz)
1
–100
–90
–80
–60
10
100
1743 G32
–70
SFDR vs Input Frequency and
Amplitude, 2V Range
SFDR vs Input Frequency and
Amplitude, 3.2V Range
INPUT FREQUENCY (MHz)
110
100
90
1743 G29
60
80
70
100
110
–1dBFS
–6dBFS
–20dBFS
INPUT FREQUENCY (MHz)
110
100
90
1743 G28
60
80
70
100
110
–1dBFS
–6dBFS
–20dBFS
SFDR vs Input Amplitude, 2V
Range, 5MHz Input Frequency
Power Dissipation vs
Sample Rate
INPUT AMPLITUDE (dBFS)
–50
90
100
110
–10
1743 G34
80
70
–40
–30
–20
0
60
50
40
SFDR dBFS
SFDR dBc
SAMPLE RATE (Msps)
0
900
925
950
30
50
1743 G35
875
850
825
10
20
40
975
1000
1025
2nd and 3rd Harmonic vs Input
Frequency, 2V Range, –1dB
INPUT FREQUENCY (MHz)
–60
–70
–80
1743 G31
–110
–90
–100
100
110
3RD HARMONIC
2ND HARMONIC
Worst Harmonic 4th or Higher vs
Input Frequency, 2V Range, –1dB
INPUT FREQUENCY (MHz)
1
–100
–90
–80
–60
10
100
1743 G33
–70


Similar Part No. - LTC1743

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
More results

Similar Description - LTC1743

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com