Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T51163QC-ZCE7 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4T51163QC-ZCE7
Description  512Mb C-die DDR2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T51163QC-ZCE7 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4T51163QC-ZCE7 Datasheet HTML 5Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 6Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 7Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 8Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 9Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 10Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 11Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 12Page - Samsung semiconductor K4T51163QC-ZCE7 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Page 9 of 29
Rev. 1.4 Aug. 2005
DDR2 SDRAM
512Mb C-die DDR2 SDRAM
2.2 Input/Output Functional Description
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK. Output (read) data is referenced to the crossings of CK and CK (both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and device input buffers and output drivers. Tak-
ing CKE Low provides Precharge Power-Down and Self Refresh operation (all banks idle), or Active Power-Down (row Active in any
bank). CKE is synchronous for power down entry and exit, and for self refresh entry. CKE is asynchronous for self refresh exit. After
VREF has become stable during the power on and initialization swquence, it must be maintained for proper operation of the CKE
receiver. For proper self-refresh entry and exit, VREF must be maintained to this input. CKE must be maintained high throughout read
and write accesses. Input buffers, excluding CK, CK, ODT and CKE are disabled during power-down. Input buffers, excluding CKE, are
disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for external Rank selection on systems with multiple
Ranks. CS is considered part of the command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the DDR2 SDRAM. When enabled, ODT is only
applied to each DQ, DQS, DQS, RDQS, RDQS, and DM signal for x4/x8 configurations. For x16 configuration ODT is applied to each
DQ, UDQS/UDQS, LDQS/LDQS, UDM, and LDM signal. The ODT pin will be ignored if the Extended Mode Register (EMRS(1)) is pro-
grammed to disable ODT.
RAS, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being entered.
DM
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled HIGH coincident with that input
data during a Write access. DM is sampled on both edges of DQS. Although DM pins are input only, the DM loading matches the DQ
and DQS loading. For x8 device, the function of DM or RDQS/RDQS is enabled by EMRS command.
BA0 - BA1
Input
Bank Address Inputs: BA0 - BA1 define to which bank an Active, Read, Write or Precharge command is being applied (For 256Mb and
512Mb, BA2 is not applied). Bank address also determines if the mode register or extended mode register is to be accessed during a
MRS or EMRS cycle.
A0 - A13
Input
Address Inputs: Provided the row address for Active commands and the column address and Auto Precharge bit for Read/Write com-
mands to select one location out of the memory array in the respective bank. A10 is sampled during a Precharge command to determine
whether the Precharge applies to one bank (A10 LOW) or all banks (A10 HIGH). If only one bank is to be precharged, the bank is
selected by BA0, BA1. The address inputs also provide the op-code during Mode Register Set commands.
DQ
Input/Output Data Input/ Output: Bi-directional data bus.
DQS, (DQS)
(LDQS), (LDQS)
(UDQS), (UDQS)
(RDQS), (RDQS)
Input/Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data, centered in write data. For the x16, LDQS corre-
sponds to the data on DQ0-DQ7; UDQS corresponds to the data on DQ8-DQ15. For the x8, an RDQS option using DM pin can be
enabled via the EMRS(1) to simplify read timing. The data strobes DQS, LDQS, UDQS, and RDQS may be used in single ended mode
or paired with optional complementary signals DQS, LDQS, UDQS, and RDQS to provide differential pair signaling to the system during
both reads and writes. An EMRS(1) control bit enables or disables all complementary data strobe signals.
In this data sheet, "differential DQS signals" refers to any of the following with A10 = 0 of EMRS(1)
x4 DQS/DQS
x8 DQS/DQS
if EMRS(1)[A11] = 0
x8 DQS/DQS, RDQS/RDQS,
if EMRS(1)[A11] = 1
x16 LDQS/LDQS and UDQS/UDQS
"single-ended DQS signals" refers to any of the following with A10 = 1 of EMRS(1)
x4 DQS
x8 DQS if EMRS(1)[A11] = 0
x8 DQS, RDQS, if EMRS(1)[A11] = 1
x16 LDQS and UDQS
NC
No Connect: No internal electrical connection is present.
VDD/VDDQ
Supply
Power Supply: 1.8V +/- 0.1V, DQ Power Supply: 1.8V +/- 0.1V
VSS/VSSQ
Supply
Ground, DQ Ground
VDDL
Supply
DLL Power Supply: 1.8V +/- 0.1V
VSSDL
Supply
DLL Ground
VREF
Supply
Reference voltage


Similar Part No. - K4T51163QC-ZCE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51163QB SAMSUNG-K4T51163QB Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4T51163QB-GCCC SAMSUNG-K4T51163QB-GCCC Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4T51163QB-GCD5 SAMSUNG-K4T51163QB-GCD5 Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4T51163QB-ZCCC SAMSUNG-K4T51163QB-ZCCC Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4T51163QB-ZCD5 SAMSUNG-K4T51163QB-ZCD5 Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
More results

Similar Description - K4T51163QC-ZCE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T51043Q SAMSUNG-K4T51043Q Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4T51043QG SAMSUNG-K4T51043QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4T51043QE SAMSUNG-K4T51043QE Datasheet
943Kb / 45P
   512Mb E-die DDR2 SDRAM Specification
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com